Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20ETF06FP Datasheet(PDF) 1 Page - International Rectifier

Part # 20ETF06FP
Description  FAST SOFT RECOVERY RECTIFIER DIODE TO-220 FULLPAK
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

20ETF06FP Datasheet(HTML) 1 Page - International Rectifier

  20ETF06FP Datasheet HTML 1Page - International Rectifier 20ETF06FP Datasheet HTML 2Page - International Rectifier 20ETF06FP Datasheet HTML 3Page - International Rectifier 20ETF06FP Datasheet HTML 4Page - International Rectifier 20ETF06FP Datasheet HTML 5Page - International Rectifier 20ETF06FP Datasheet HTML 6Page - International Rectifier 20ETF06FP Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FAST SOFT RECOVERY
RECTIFIER DIODE
TO-220 FULLPAK
1
Bulletin I2119 rev. C 03/99
QUIETIR Series
20ETF..FP
V
F
< 1.2V @ 10A
I
FSM
= 300A
V
RRM 200 to 600V
Major Ratings and Characteristics
Characteristics
20ETF..FP Units
I
F(AV)
Sinusoidal waveform
20
A
V
RRM
200to 600
V
I
FSM
300
A
V
F
@10 A, T
J
= 25°C
1.2
V
trr
@ 1A, 100A/µs
60
ns
T
J
-40to150
°C
TO-220 FULLPAK
Description/Features
The 20ETF.. FP soft recovery
QUIETIR rectifier
series has been optimized for combined short
reverse recovery time and low forward voltage
drop.
The glass passivation ensures stable reliable
operation in the most severe temperature and
power cycling conditions.
Typical applications are:
output rectification and freewheeling in
inverters, choppers and converters
and input rectifications where severe
restrictions on conducted EMI should be met
fully isolated package (V
INS = 2500 VRMS)
UL E78996 approved
Package Outline
www.irf.com


Similar Part No. - 20ETF06FP

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
20ETF06FP ISC-20ETF06FP Datasheet
266Kb / 2P
Fast Recovery Rectifier Diode
More results

Similar Description - 20ETF06FP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
60EPF06 IRF-60EPF06 Datasheet
149Kb / 8P
FAST SOFT RECOVERY RECTIFIER DIODE
85EPF IRF-85EPF Datasheet
144Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
20ETF02 IRF-20ETF02 Datasheet
196Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
80EPF10 IRF-80EPF10 Datasheet
175Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
10ETF10FP IRF-10ETF10FP Datasheet
179Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
10ETS08FP IRF-10ETS08FP Datasheet
91Kb / 6P
INPUT RECTIFIER DIODE TO-220 FULLPAK
10ETF06SPBF IRF-10ETF06SPBF Datasheet
229Kb / 8P
FAST SOFT RECOVERY RECTIFIER DIODE
30EPF06PBF IRF-30EPF06PBF Datasheet
212Kb / 8P
FAST SOFT RECOVERY RECTIFIER DIODE
logo
Inchange Semiconductor ...
10ETF02S ISC-10ETF02S Datasheet
265Kb / 2P
Fast Soft Recovery Rectifier Diode
10ETF12 ISC-10ETF12 Datasheet
263Kb / 2P
Fast Soft Recovery Rectifier Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com