Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20ETF04FP Datasheet(PDF) 6 Page - International Rectifier

Part # 20ETF04FP
Description  FAST SOFT RECOVERY RECTIFIER DIODE TO-220 FULLPAK
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

20ETF04FP Datasheet(HTML) 6 Page - International Rectifier

  20ETF04FP Datasheet HTML 1Page - International Rectifier 20ETF04FP Datasheet HTML 2Page - International Rectifier 20ETF04FP Datasheet HTML 3Page - International Rectifier 20ETF04FP Datasheet HTML 4Page - International Rectifier 20ETF04FP Datasheet HTML 5Page - International Rectifier 20ETF04FP Datasheet HTML 6Page - International Rectifier 20ETF04FP Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
20ETF..FP
QUIETIR Series
Bulletin I2119 rev. C 03/99
www.irf.com
Outline Table
Ordering Information Table
Dimensions in millimeters
20
E
T
F
06
FP
Device Code
1
5
24
3
02 = 200V
04 = 400V
06 = 600V
1
CATHODE
ANODE
3
2
BASE
CATHODE
1
-
Current Rating
2
-
Circuit Configuration:
E = Single Diode
3
-
Package:
T = TO-220AC
4
-
Type of Silicon:
F = Fast diode
5
-
Voltage code: Code x 100 = V
RRM
6
-
TO-220 FULLPAK
6
5°± 0.5°
R0.5
R0.7 (2 PLACES)
3.1
HOLE ø 3.4
10.4
0.7
TYP.
5°± 0.5°
0.9
2.54 TYP.
2.54
10.6
0.48
2.85
2.8
1.4
1.15
1.05
1.3
0.44
2.65
2.6
TYP
10°



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com