Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC573PW Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74ALVC573PW
Description  Octal D-type transparent latch 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC573PW Datasheet(HTML) 4 Page - NXP Semiconductors

  74ALVC573PW Datasheet HTML 1Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 2Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 3Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 4Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 5Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 6Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 7Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 8Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
2003 Jun 25
4
Philips Semiconductors
Product specification
Octal D-type transparent latch; 3-state
74ALVC573
handbook, halfpage
OE
D0
D1
D2
D3
573
D4
D5
D6
D7
GND
VCC
Q0
Q1
Q2
Q4
Q5
Q3
Q6
Q7
LE
1
2
3
4
5
6
7
8
9
10
11
12
20
19
18
17
16
15
14
13
MNA806
Fig.1 Pin configuration SO20 and TSSOP20.
handbook, halfpage
1
2
3
4
5
6
7
8
9
D0
D1
D2
D3
D4
D5
D6
D7
19
18
17
16
15
14
13
12
Q1
Q0
Q2
Q3
Q4
Q5
Q6
Q7
20
OE
VCC
10
11
GND
Top view
LE
GND(1)
MNA979
Fig.2 Pin configuration DHVQFN20.
(1) The die substrate is attached to this pad using conductive die
attach material. It can not be used as a supply pin or input.
Fig.3 Logic symbol.
handbook, halfpage
MNA807
D0
D1
D2
D3
D4
D5
D6
D7
LE
OE
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
1
11
12
13
14
15
16
17
18
19
9
8
7
6
5
4
3
2
handbook, halfpage
MNA808
12
13
14
15
16
17
18
11
C1
1
EN1
1D
19
9
8
7
6
5
4
3
2
Fig.4 IEC logic symbol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20