Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNC-R2-CF Datasheet(PDF) 13 Page - DDK Ltd.

Part # TNC-R2-CF
Description  TNC Style Connector
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

TNC-R2-CF Datasheet(HTML) 13 Page - DDK Ltd.

Back Button TNC-R2-CF Datasheet HTML 7Page - DDK Ltd. TNC-R2-CF Datasheet HTML 8Page - DDK Ltd. TNC-R2-CF Datasheet HTML 9Page - DDK Ltd. TNC-R2-CF Datasheet HTML 10Page - DDK Ltd. TNC-R2-CF Datasheet HTML 11Page - DDK Ltd. TNC-R2-CF Datasheet HTML 12Page - DDK Ltd. TNC-R2-CF Datasheet HTML 13Page - DDK Ltd. TNC-R2-CF Datasheet HTML 14Page - DDK Ltd. TNC-R2-CF Datasheet HTML 15Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Unit:mm
http://www.ddknet.co.jp
TNC Series
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
○ Assembly Instruction(5)
Body
Contact
Insulator
Sleeve
Ferule
Heat-shrinkable tube
A
Sheath
Outer Conductor
Insulator
Ferule
Spread the top
Center Conductor
(Pre-soldering)
Sleeve
B
C
Cut the center conductor after pre-soldering
Contact
Insulator
Soldering
No gap
same level
Body
Crimping Dies
Heat-shrinkable tube
Body
Contact
Insulator
Sleeve
Ferule
Heat-shrinkable tube
A
Sheath
Outer Conductor
Insulator
Ferule
Spread the top
Center Conductor
(Pre-soldering)
Sleeve
B
C
Cut the center conductor after pre-soldering
Contact
Insulator
Soldering
No gap
same level
Body
Crimping Dies
Heat-shrinkable tube
① Cut the cable as fig.1.
Please be careful to not damage the outer
conductor.
Part Number
A
TNC-PJ-1.5DQEW-CR10-CF
13.0mm
TNC-PJ-2H-1.5D-CR10-CF
10.0mm
② Insert the ferule on the outer conductor and spread
the top of the outer conductor.
③ Insert the sleeve and cut the cable as fig.3.
 Press in the sleeve between outer conductor and
insulator. Cut off the extra outer conductor along the
sleeve. Cut the insulator and center conductor as below
table. Cut the center conductor after pre-soldering.
Please be careful to not damage the center conductor.
Part Number
B
C
TNC-PJ-1.5DQEW-CR10-CF
5.7mm
3.0mm
TNC-PJ-2H-1.5D-CR10-CF
4.0mm
3.0mm
④ Insert the insulator on the insulator of the cable
and solder the contact with center conductor.
When the solder is stick out, please
shave the extra solder along the contact.
⑤ Insert the above contact into the body. Match the
  key in the insulator and keyway of the contact.
Crimp the root of body as fig.5.
⑥ Cover the heat-shrinkable tube on the root of
the body and heat up.
13
Parts Configulration
Part Number
Tool
TNC-PJ-1.5DQEW-CR10-CF
CR-H1142
TNC-PJ-2H-1.5D-CR10-CF
CR-H1101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com