Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTDASPA1.13 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # GTDASPA1.13
Description  Architectural lighting
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GTDASPA1.13 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button GTDASPA1.13 Datasheet HTML 5Page - OSRAM GmbH GTDASPA1.13 Datasheet HTML 6Page - OSRAM GmbH GTDASPA1.13 Datasheet HTML 7Page - OSRAM GmbH GTDASPA1.13 Datasheet HTML 8Page - OSRAM GmbH GTDASPA1.13 Datasheet HTML 9Page - OSRAM GmbH GTDASPA1.13 Datasheet HTML 10Page - OSRAM GmbH GTDASPA1.13 Datasheet HTML 11Page - OSRAM GmbH GTDASPA1.13 Datasheet HTML 12Page - OSRAM GmbH GTDASPA1.13 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Version 1.1
GT DASPA1.13
2017-06-13
9
Relative Forward Voltage 6) page 21
Relative Vorwärtsspannung 6) Seite 21
ΔVF = VF - VF(25 °C) = f(Tj); IF = 100 mA
Relative Luminous Flux 6) page 21
Relativer Lichtstrom 6) Seite 21
ΦV/ΦV(25 °C) = f(Tj); IF = 100 mA
Dominant Wavelength 6) page 21
Dominante Wellenlänge 6) Seite 21
λdom = f(Tj); IF = 100 mA
GT DASPA1.13
-40
-20
0
20
40
60
80
100 120
Tj [°C]
-0.4
-0.2
0.0
0.2
0.4
∆VF [V]
GT DASPA1.13
-40
-20
0
20
40
60
80
100 120
Tj [°C]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Φv
Φ
v(25°C)
GT DASPA1.13
-40
-20
0
20
40
60
80
100 120
Tj [°C]
-10
-5
0
5
10
∆λ dom [nm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com