Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LECGP1A Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LECGP1A
Description  Projection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LECGP1A Datasheet(HTML) 4 Page - OSRAM GmbH

  LECGP1A Datasheet HTML 1Page - OSRAM GmbH LECGP1A Datasheet HTML 2Page - OSRAM GmbH LECGP1A Datasheet HTML 3Page - OSRAM GmbH LECGP1A Datasheet HTML 4Page - OSRAM GmbH LECGP1A Datasheet HTML 5Page - OSRAM GmbH LECGP1A Datasheet HTML 6Page - OSRAM GmbH LECGP1A Datasheet HTML 7Page - OSRAM GmbH LECGP1A Datasheet HTML 8Page - OSRAM GmbH LECGP1A Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
2016-11-28
4
Version 1.2
LE CG P1A
Characteristics (TBoard = 25 °C; IF = 12000 mA; all dies operated in parallel; f = 1000 Hz; tint = 100 ms; D =
0.5)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Chromaticity coordinates acc. to CIE 1931 2) page 22
Farbkoordinaten nach CIE 1931
2) Seite 22
(within λ = 500 ... 600 nm)
(typ.)
(typ.)
Cx
Cy
0.318
0.642
-
-
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λpeak
520
nm
Spectral bandwidth at 50% I
rel max
Spektrale Bandbreite b. 50% I
rel max
(typ.)
∆λ
100
nm
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % IV
(typ.)
120
°
Forward voltage
3) page 22 , 4) page 22
Durchlassspannung 3) Seite 22 , 4) Seite 22
(min.)
(typ.)
(max.)
VF
VF
VF
3.20
3.55
4.30
V
V
V
Deviation of forward voltage of all chips
Abweichung der Durchlassspannung aller Chips
(max.)
V
F
135
mV
Reverse current
Sperrstrom
I
R
not designed for
reverse operation
Partial Flux acc. CIE 127:2007
Partieller Fluss
V 120° = x * ΦV 180°)
(typ.)
ΦE/V, 120°
0.77
Radiating surface
Abstrahlende Fläche
(typ.)
Acolor
1.5 x 2.6
mm²
Thermal resistance junction / board 5) page 22
Wärmewiderstand Sperrschicht / Board 5) Seite 22
(typ.)
R
th JB real
1
K/W
Thermal resistance junction / board
5) page 22
Wärmewiderstand Sperrschicht / Board
5) Seite 22
(with efficiency ηe = 18 %)
(typ.)
Rth JB el
0.8
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com