Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LOM670 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LOM670
Description  Backlighting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LOM670 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LOM670 Datasheet HTML 5Page - OSRAM GmbH LOM670 Datasheet HTML 6Page - OSRAM GmbH LOM670 Datasheet HTML 7Page - OSRAM GmbH LOM670 Datasheet HTML 8Page - OSRAM GmbH LOM670 Datasheet HTML 9Page - OSRAM GmbH LOM670 Datasheet HTML 10Page - OSRAM GmbH LOM670 Datasheet HTML 11Page - OSRAM GmbH LOM670 Datasheet HTML 12Page - OSRAM GmbH LOM670 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Version 1.1 (Replacement in due course)
LO M670
2013-12-05
9
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f (T)
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle, TA = 25 °C
T
OHL00231
0
F
I
020
40
60
80 C 100
mA
10
20
30
40
T
A
T
S
temp. solder point
T
S
temp. ambient
T
A
OHL01686
s
10-5
10-4
10-3
10-2
10-1
100
101
t
D
I
T
T
P
F
t
P
=
D = 0.005
0.01
0.02
0.05
0.2
0.5
DC
10 1
5
I
F
t
2
10
0.1
p
10 3
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com