Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9748 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9748
Description  8-Bit, 165 MSPS TxDAC D/A Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9748 Datasheet(HTML) 1 Page - Analog Devices

  AD9748 Datasheet HTML 1Page - Analog Devices AD9748 Datasheet HTML 2Page - Analog Devices AD9748 Datasheet HTML 3Page - Analog Devices AD9748 Datasheet HTML 4Page - Analog Devices AD9748 Datasheet HTML 5Page - Analog Devices AD9748 Datasheet HTML 6Page - Analog Devices AD9748 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
REV. PrA
Preliminary Technical Data
PRELIMINARY TECHNICAL DATA
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD9748*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
8-Bit, 165 MSPS
TxDAC® D/A Converter
FUNCTIONAL BLOCK DIAGRAM
FEATURES
High-Performance Member of Pin-Compatible
TxDAC Product Family
Excellent Spurious-Free Dynamic Range and Noise
Performance
Two’s Complement or Straight Binary Data Format
Differential Current Outputs: 2 mA to 20 mA
Power Dissipation: 135 mW @ 3.3 V
Power-Down Mode: 15 mW @ 3.3 V
On-Chip 1.20 V Reference
CMOS-Compatible Digital Interface
Package: 32-Lead Leadframe Chip Scale Package
(LFCSP)
Edge-Triggered Latches
APPLICATIONS
Wideband Communication Transmit Channel:
Direct IF
Base Stations
Wireless Local Loop
Digital Radio Link
Direct Digital Synthesis (DDS)
Instrumentation
150pF
+1.20V REF
AVDD
ACOM
CURRENT
SOURCE
ARRAY
3.3V
SEGMENTED
SWITCHES
LSB
SWITCHES
REFIO
FS ADJ
DVDD
DCOM
3.3V
RSET
0.1 F
CLK+
IOUTA
IOUTB
LATCHES
AD9748
SLEEP
DIGITAL DATA INPUTS (DB7-DB0)
MODE1
MODE2
CLK-
CLKVDD
CLKCOM
3.3V
PRODUCT DESCRIPTION
The AD9748 is a 8-bit resolution, wideband, third generation
member of the TxDAC series of high-performance, low power
CMOS digital-to-analog converters (DACs). The TxDAC family,
consisting of pin-compatible 8-, 10-, 12-, and 14-bit DACs, is
specifically optimized for the transmit signal path of communica-
tion systems. All of the devices share the same interface options,
small outline package, and pinout, providing an upward or down-
ward component selection path based on performance, resolution,
and cost. The AD9748 offers exceptional ac and dc performance
while supporting update rates up to 165 MSPS.
The AD9748’s low power dissipation makes it well suited for
portable and low power applications. Its power dissipation can be
further reduced to a mere 60 mW with a slight degradation in
performance by lowering the full-scale current output. Also, a
power-down mode reduces the standby power dissipation to
approximately 15 mW. A segmented current source architecture
is combined with a proprietary switching technique to reduce
spurious components and enhance dynamic performance. Edge-
triggered input latches and a 1.2 V temperature compensated
band gap reference have been integrated to provide a complete
monolithic DAC solution. The digital inputs support 3 V
CMOS logic families.
PRODUCT HIGHLIGHTS
1. New 32-lead LFCSP package.
2. The AD9748 is the 8-bit member of the pin-compatible
TxDAC family that offers excellent INL and DNL
performance.
3. Differential or single-ended clock input (LVPECL or
CMOS).
4. Data input supports two’s complement or straight binary
data coding.
5. High-speed, single-ended CMOS clock input supports
165 MSPS conversion rate.
6. Low power: Complete CMOS DAC function operates on
135 mW from a 3.0 V to 3.6 V single supply. The DAC
full-scale current can be reduced for lower power operation,
and a sleep mode is provided for low power idle periods.
7. On-chip voltage reference: The AD9748 includes a 1.2 V
temperature-compensated band gap voltage reference.
TxDAC is a registered trademark of Analog Devices, Inc.
*Protected by U.S. Patent Numbers 5568145, 5689257, and 5703519.


Similar Part No. - AD9748

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9748 AD-AD9748 Datasheet
68Kb / 1P
Analog Devices: Data Converters: DAC 8-Bit, 10 ns to 100 ns Converters Selection Table
AD9748 AD-AD9748_15 Datasheet
712Kb / 24P
8-Bit, 210 MSPS TxDAC D/A Converter
REV. B
More results

Similar Description - AD9748

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9708 AD-AD9708 Datasheet
246Kb / 16P
8-Bit, 100 MSPS TxDAC D/A Converter
REV.B
AD9709 AD-AD9709 Datasheet
466Kb / 27P
8-Bit, 125 MSPS Dual TxDAC D/A Converter
REV.0
AD9740 AD-AD9740 Datasheet
743Kb / 20P
10-Bit, 165 MSPS TxDAC D/A Converter
REV.0
AD9742 AD-AD9742 Datasheet
783Kb / 20P
12-Bit, 165 MSPS TxDAC D/A Converter
REV.0
AD9760 AD-AD9760 Datasheet
412Kb / 23P
10-Bit, 125 MSPS TxDAC D/A Converter
REV.B
AD9762 AD-AD9762 Datasheet
414Kb / 23P
12-Bit, 125 MSPS TxDAC D/A Converter
REV.B
AD9708ARZ AD-AD9708ARZ Datasheet
249Kb / 16P
8-Bit, 100 MSPS TxDAC D/A Converter
REV. B
AD9740ARRL AD-AD9740ARRL Datasheet
1Mb / 32P
10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9708ARRL AD-AD9708ARRL Datasheet
249Kb / 16P
8-Bit, 100 MSPS TxDAC D/A Converter
REV. B
AD9748 AD-AD9748_15 Datasheet
712Kb / 24P
8-Bit, 210 MSPS TxDAC D/A Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com