Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISC-1313U-I Datasheet(PDF) 3 Page - ORing Industrial Networking Corp

Part # ISC-1313U-I
Description  Industrial RS-422/485 repeater
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

ISC-1313U-I Datasheet(HTML) 3 Page - ORing Industrial Networking Corp

  ISC-1313U-I Datasheet HTML 1Page - ORing Industrial Networking Corp ISC-1313U-I Datasheet HTML 2Page - ORing Industrial Networking Corp ISC-1313U-I Datasheet HTML 3Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2
www.oring-networking.com
2-50
ISC- A B C D E - F
Parity
None, Even, Odd, Space, Mark
Flow Control
XON/XOFF(software)
Auto Hardware Direction Control for RS-485
LED Indicators
Power Indicator
Green : Power LED x 1
TxD Indicator
Green LED x 1
RxD Indicator
Red LED x 1
Power
Input Power
+9 ~ 30 VDC power inputs on 10-pin terminal block
Power Consumption (Typ.)
0.7 Watts
Physical Characteristics
Enclosure
IP-30
Dimensions (W x D x H)
71.2(W) x 25.3(D) x 100.6(H) mm (2.8x1x3.96 inch.)
Weight (g)
130g
Environmental
Storage Temperature
-25 to 85°C (-13 to 185°F)
Operating Temperature
-10 to 70°C (14 to 158°F)
Operating Humidity
5% to 95% Non-condensing
Regulatory Approvals
EMI
FCC Part 15, CISPR (EN55022) class A
EMS
EN61000-4-2 (ESD), EN61000-4-3 (RS), EN61000-4-4 (EFT), EN61000-4-5 (Surge), EN61000-4-6 (CS), EN61000-4-8,
EN61000-4-11
Shock
IEC60068-2-27
Free Fall
IEC60068-2-32
Vibration
IEC60068-2-6
Warranty
2 years
Available
Model
Model Name
Description
ISC-1212-I
Industrial RS-422/485 repeater with 3KV isolation
Packing List
‧
ISC-1212-I
‧
DIN-Rail Kit
‧
Wall-Mount Kit
‧
Quick Installation Guide
Optional Accessories (Can be purchased separately)
‧
DR-45 series, 45W DIN-Rail power supply
‧
DR-75-12, 12V/75W DIN-Rail power supply
‧
DR-75-24, 24V/75W DIN-Rail power supply
Ordering Information
Code
Definition
Serial Port
Number
Serial Port Type
Converter Prot
Number
Converter Type
Other Converter Type
Additional function
Option
- 1 : 1port
- 1 : RS-232
- 2 : RS-422/485
- 3 : RS-232/422/485
- 1 : 1port
- 0 : other type
- 1 : RS-232
- 2 : RS-422/485
- 3 : RS-232/422/485
- F : 100Base-FX Fiber
- U : USB
- I : Isolation
Industrial Media Converter Serial to Serial Media Converter
v1.5 / Dec, 2011



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com