Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG901 Datasheet(PDF) 2 Page - Analog Devices

Part # ADG901
Description  Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG901 Datasheet(HTML) 2 Page - Analog Devices

  ADG901 Datasheet HTML 1Page - Analog Devices ADG901 Datasheet HTML 2Page - Analog Devices ADG901 Datasheet HTML 3Page - Analog Devices ADG901 Datasheet HTML 4Page - Analog Devices ADG901 Datasheet HTML 5Page - Analog Devices ADG901 Datasheet HTML 6Page - Analog Devices ADG901 Datasheet HTML 7Page - Analog Devices ADG901 Datasheet HTML 8Page - Analog Devices ADG901 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. A
–2–
ADG901/ADG902–SPECIFICATIONS1
B Version
Parameter
Symbol
Conditions
Min
Typ
2
Max
Unit
AC ELECTRICAL CHARACTERISTICS
Operating Frequency
3
DC
2.5
GHz
–3 dB Frequency
4
4.5
GHz
Input Power
4
0 V dc Bias
7
dBm
+0.5 V dc Bias
16
dBm
Insertion Loss
S21, S12
DC to 100 MHz; VDD = 2.5 V
± 10%
0.4
0.7
dB
500 MHz; VDD = 2.5 V
± 10%
0.5
0.8
dB
1000 MHz; VDD = 2.5 V
± 10%
0.8
1.25
dB
Isolation—RF1 to RF2
S21, S12
100 MHz
60
61
dB
(CP Package)
500 MHz
43
45
dB
1000 MHz
34
40
dB
Isolation—RF1 to RF2
S21, S12
100 MHz
51
60
dB
(RM Package)
500 MHz
37.5
47
dB
1000 MHz
31
37
dB
Return Loss (On Channel)
4
S11, S22
DC to 100 MHz
20
28
dB
500 MHz
23
29
dB
1000 MHz
25
28
dB
Return Loss (Off Channel)
4
S11, S22
DC to 100 MHz
18
23
dB
500 MHz
17
21
dB
1000 MHz
15
19
dB
On Switching Time
4
tON
50% CTRL to 90% RF
3.6
6
ns
Off Switching Time
4
tOFF
50% CTRL to 10% RF
5.8
9.5
ns
Rise Time
4
tRISE
10% to 90% RF
3.1
5.5
ns
Fall Time
4
tFALL
90% to 10% RF
6.0
8.5
ns
1 dB Compression
4
P–1 dB
1000 MHz
17
dBm
Third Order Intermodulation Intercept IP3
900 MHz/901 MHz, 4 dBm
30
36
dBm
Video Feedthrough
5
2.5
mV p-p
DC ELECTRICAL CHARACTERISTICS
Input High Voltage
VINH
VDD = 2.25 V to 2.75 V
1.7
V
VINH
VDD = 1.65 V to 1.95 V
0.65 VCC
V
Input Low Voltage
VINL
VDD = 2.25 V to 2.75 V
0.7
V
VINL
VDD = 1.65 V to 1.95 V
0.35 VCC V
Input Leakage Current
II
0
≤ V
IN
≤ 2.75 V
±0.1
±1
µA
CAPACITANCE
4
RF1/RF2, RF Port On Capacitance
CRF ON
f = 1 MHz
1.2
pF
CTRL Input Capacitance
CCTRL
f = 1 MHz
2.1
pF
POWER REQUIREMENTS
VDD
1.65
2.75
V
Quiescent Power Supply Current
IDD
Digital inputs = 0 V or VDD
0.1
1
µA
NOTES
1Temperature range B Version: –40
°C to +85°C.
2Typical values are at V
DD = 2.5 V and 25
°C, unless otherwise stated.
3Point at which insertion loss degrades by 1 dB.
4Guaranteed by design, not subject to production test.
5The dc transience at the output of any port of the switch when the control voltage is switched from high to low or low to high in a 50
Ω test setup, measured with
1 ns rise time pulses and 500 MHz bandwidth.
Specifications subject to change without notice.
(VDD = 1.65 V to 2.75 V, GND = 0 V, input power = 0 dBm,
all specifications TMIN to TMAX, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com