Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG902 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG902
Description  Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG902 Datasheet(HTML) 4 Page - Analog Devices

  ADG902 Datasheet HTML 1Page - Analog Devices ADG902 Datasheet HTML 2Page - Analog Devices ADG902 Datasheet HTML 3Page - Analog Devices ADG902 Datasheet HTML 4Page - Analog Devices ADG902 Datasheet HTML 5Page - Analog Devices ADG902 Datasheet HTML 6Page - Analog Devices ADG902 Datasheet HTML 7Page - Analog Devices ADG902 Datasheet HTML 8Page - Analog Devices ADG902 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. A
–4–
ADG901/ADG902
TERMINOLOGY
Parameter
Description
VDD
Most positive power supply potential.
IDD
Positive supply current.
GND
Ground (0 V) reference.
CTRL
Logic control input.
VINL
Maximum input voltage for Logic 0.
VINH
Minimum input voltage for Logic 1.
IINL (IINH)
Input current of the digital input.
CIN
Digital input capacitance.
tON
Delay between applying the digital control input and the output switching on.
tOFF
Delay between applying the digital control input and the output switching off.
tRISE
Rise time. Time for the RF signal to rise from 10% to 90% of the ON level.
tFALL
Fall time. Time for the RF signal to fall from 90% to 10% of the ON level.
Off Isolation
The attenuation between input and output ports of the switch when the switch control voltage is in the
OFF condition.
Insertion Loss
The attenuation between input and output ports of the switch when the switch control voltage is in the
ON condition.
P–1 dB
1 dB compression point. The RF input power level at which the switch insertion loss increases by 1 dB over its
low level value. It is a measure of how much power the ON switch can handle before the insertion loss increases
by 1 dB.
IP3
Third order intermodulation intercept. This is a measure of the power in false tones that occur when closely spaced
tones are passed through a switch, whereby the nonlinearity of the switch causes these false tones to be generated.
Return Loss
The amount of reflected power relative to the incident power at a port. Large return loss indicates good matching.
By measuring Return Loss the VSWR can be calculated from conversion charts. VSWR (voltage standing wave ratio)
indicates degree of matching present at a switch RF port.
Video Feedthrough Spurious signals present at the RF ports of the switch when the control voltage is switched from high to low
or low to high without an RF signal present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com