Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1045PS Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # MBR1045PS
Description  10.0A SCHOTTKY BARRIER RECTIFIERS - 45V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

MBR1045PS Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  MBR1045PS Datasheet HTML 1Page - PACELEADER INDUSTRIAL MBR1045PS Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Maximum Ratings
MBR1045PS
1045
45V
31.5V
45V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
10A
TL = 90°C
Peak Forward Surge
Current
IFSM
180A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element

INCHES
MM






A
.039
.0
47
1.00
1.
20
A2
.006
.017
0.15
0.43
b1
.030
.041
0.75
1.05
b2
.065
.077
1.65
1.95
D
.148
.169
3.75
4.30
D2
.110
.126
2.80
3.20
E
.250
.264
6.35
6.70
e
.065
.077
1.65
1.95
E1
.207
.2
28
5.25
5.
80
E2
.120
.14
2
3.05
3.
60
L
.0
28
.051
0.
70
1.30
W
.031
.056
0.80
1.42
Maximum thermal
Resistance
VF
.
50V
IFM = 10 A
IR
50mA
0.5mA
TJ = 25°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
•
Operating Temperature: -55°C to +125°C
•
Storage Temperature: -55°C to +125°C
•
Low forward voltage drop
•
Super long operating life
•
Lead Free Finish/RoHS Compliant
Notes: 1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
TJ = 100°C
R θJC
8.0
℃/W
TO-2
77B
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
PIN 3
HEAT SINK
PIN 2
PIN 1
2
1
3
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
Part Number
b1
b1
e
b2
E
A
A2
E1
L
W
E2
D
D2
A2
10.0A SCHOTTKY BARRIER RECTIFIERS - 45V
1
MBR1045PS
www.paceleader.tw


Similar Part No. - MBR1045PS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR1045PBF VISHAY-MBR1045PBF Datasheet
110Kb / 6P
Schottky Rectifier, 10 A
14-Aug-08
MBR1045PBF VISHAY-MBR1045PBF Datasheet
157Kb / 7P
Schottky Rectifier, 10 A
29-Aug-11
logo
Kersemi Electronic Co.,...
MBR1045PBF KERSEMI-MBR1045PBF Datasheet
1Mb / 5P
Schottky Rectifier, 10 A
More results

Similar Description - MBR1045PS

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SB1045CT GULFSEMI-SB1045CT Datasheet
106Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 10.0A
logo
Shenzhen Luguang Electr...
SR1020 LUGUANG-SR1020 Datasheet
189Kb / 2P
10.0A Schottky Barrier Rectifiers
logo
Nanjing International G...
SR1040-10A-DO-27 DGNJDZ-SR1040-10A-DO-27 Datasheet
480Kb / 2P
SCHOTTKY BARRIER RECTIFIERS 10.0A
SR1045-10A-DO-27 DGNJDZ-SR1045-10A-DO-27 Datasheet
480Kb / 2P
SCHOTTKY BARRIER RECTIFIERS 10.0A
SR1060-10A-DO-27 DGNJDZ-SR1060-10A-DO-27 Datasheet
480Kb / 2P
SCHOTTKY BARRIER RECTIFIERS 10.0A
SR1080-10A-DO-27 DGNJDZ-SR1080-10A-DO-27 Datasheet
480Kb / 2P
SCHOTTKY BARRIER RECTIFIERS 10.0A
SR1020-10A-DO-27 DGNJDZ-SR1020-10A-DO-27 Datasheet
480Kb / 2P
SCHOTTKY BARRIER RECTIFIERS 10.0A
SR1020.10A-DO-27 DGNJDZ-SR1020.10A-DO-27 Datasheet
480Kb / 2P
SCHOTTKY BARRIER RECTIFIERS 10.0A
logo
PACELEADER INDUSTRIAL
MBR1045LPS PACELEADER-MBR1045LPS Datasheet
452Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS 45V
MBR1045ULPS PACELEADER-MBR1045ULPS Datasheet
401Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS 45V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com