Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARF461 Datasheet(PDF) 4 Page - International Rectifier

Part # ARF461
Description  ADVANCED ANALOG EMI FILTER HYBRID / HIGH RELIABILITY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ARF461 Datasheet(HTML) 4 Page - International Rectifier

  ARF461 Datasheet HTML 1Page - International Rectifier ARF461 Datasheet HTML 2Page - International Rectifier ARF461 Datasheet HTML 3Page - International Rectifier ARF461 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
www.irf.com
ARF461 Series
ARF461 Case Style Outline
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
ADVANCED ANALOG: 2270 Martin Av., Santa Clara, California 95050, Tel: (408) 727-0500
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 12/02
1.67
0.400
2.200
0.495
0.300
0.050
.200 typ
1.950
1.400
1.730
0.136 D 4 Places
0.600
0.375
0.375
+ Input
- Input
+ Output
- Output
Case
0.235 Typ
0.165
0.275 Max
0.040 Pin Dia.
0.265
Tolerances, unless otherwise specified:
.XX
=
±0.010
.XXX
=
±0.005
A R F 461 / E M
M odel
A pplic able
M ilita ry T e s t
S tand ard
Sc re en in g
/EM - E ngineering M odel
Bla nk- F lig ht (Pro cesse d to C lass K)
Part Numbering



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com