Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASIBAT38 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # ASIBAT38
Description  SILICON SCHOTTKY BARRIER DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

ASIBAT38 Datasheet(HTML) 1 Page - Advanced Semiconductor

  ASIBAT38 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL
MAXIM
UNITS
VR
IR = 10
µA
2.0
V
VF
IF = 1.0 mA
0.29
V
IF
VF = 0.5 V
2.0
mA
IR
VR = 0.5 V
2.0
µA
CT
VR = 0 V
f = 1.0 MHz
.27
pF
NF
IF = 0.5 mA
f = 30 GHz
6.0
dB
SILICON SCHOTTKY BARRIER DIODE
BAT38
PACKAGE STYLE
DESCRIPTION:
The
ASI BAT38 is a silicon Schottky
barrier mixer diode, Designed for use
in Ka frequency band Applications.
FEATURES INCLUDE:
• Low R
S
__5.0
Ω
• Low NF 8.5 Db Typ.
• Frequency Range 26 to 40 GHz
• Available as Matched pairs by adding
the MP to the part number. Matching
criteria is
± 10% on rectified current
and within 150
Ω i.f. impedance.
MAXIMUM RATINGS
VR
2.0 V
PDISS
250 mW @ TC = 25 °C
TJ
-55 °C to +100 °C
TSTG
-55 °C to +100 °C


Similar Part No. - ASIBAT38

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
ASIBAM120 ASI-ASIBAM120 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - ASIBAT38

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HSB226YP HITACHI-HSB226YP Datasheet
23Kb / 5P
Silicon Schottky Barrier Diode
E208931_HSC278 HITACHI-E208931_HSC278 Datasheet
71Kb / 7P
Silicon Schottky Barrier Diode
logo
Guangdong Kexin Industr...
HRW0503A KEXIN-HRW0503A Datasheet
34Kb / 1P
Silicon Schottky Barrier Diode
HSM88WA KEXIN-HSM88WA Datasheet
34Kb / 1P
Silicon Schottky Barrier Diode
HSM276S KEXIN-HSM276S Datasheet
36Kb / 1P
Silicon Schottky Barrier Diode
logo
Sanken electric
FMB-24 SANKEN-FMB-24_11 Datasheet
196Kb / 5P
Silicon Schottky Barrier Diode
FMW-2204 SANKEN-FMW-2204 Datasheet
251Kb / 5P
Silicon Schottky Barrier Diode
FMW-4306 SANKEN-FMW-4306 Datasheet
181Kb / 5P
Silicon Schottky Barrier Diode
FMW-24L SANKEN-FMW-24L Datasheet
228Kb / 5P
Silicon Schottky Barrier Diode
RK36 SANKEN-RK36 Datasheet
142Kb / 5P
Silicon Schottky Barrier Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com