Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAV803 Datasheet(PDF) 39 Page - Analog Devices

Part # ADAV803
Description  Audio Codec for Recordable DVD
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV803 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADAV803_17 Datasheet HTML 35Page - Analog Devices ADAV803_17 Datasheet HTML 36Page - Analog Devices ADAV803_17 Datasheet HTML 37Page - Analog Devices ADAV803_17 Datasheet HTML 38Page - Analog Devices ADAV803_17 Datasheet HTML 39Page - Analog Devices ADAV803_17 Datasheet HTML 40Page - Analog Devices ADAV803_17 Datasheet HTML 41Page - Analog Devices ADAV803_17 Datasheet HTML 42Page - Analog Devices ADAV803_17 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
ADAV803
Rev. A | Page 38 of 60
Transmitter Buffer Configuration—Address 0001101 (0x0D)
Table 39. Transmitter Buffer Configuration Register Bit Map
7
6
5
4
3
2
1
0
IU_Zeros3
IU_Zeros2
IU_Zeros1
IU_Zeros0
TxBCONF3
TxBCONF2
TxBCONF1
TxBCONF0
Table 40. Transmitter Buffer Configuration Register Bit Descriptions
Bit Name
Description
IU_Zeros[3:0]
Determines the number of zeros to be stuffed between IUs in a message up to a maximum of 8.
0000 = 0.
0001 = 1.
…
0111 = 7.
1000 = 8.
TxBCONF3
Transmitter user bits can be stored in separate buffers or stored together.
0 = User bits are stored together.
1 = User bits are stored separately.
TxBCONF[2:1]
Configures the transmitter user bit buffer.
00 = Zeros are transmitted for the user bits.
01 = Transmitter user bit buffer size is configured according to TxBCONF0.
10 = User bits are written to the transmit buffer in IUs specified by the IEC60958-3 standard.
11 = Reserved.
TxBCONF0
Determines the buffer size of the transmitter user bits when TxBCONF[2:1] is 01.
0 = 384 bits with Preamble Z as the start of the buffer.
1 = 768 bits with Preamble Z as the start of the buffer.
Channel Status Switch Buffer and Transmitter—Address 0001110 (0x0E)
Table 41. Channel Status Switch Buffer and Transmitter Register Bit Map
7
6
5
4
3
2
1
0
Reserved
Reserved
Tx_A/B_Same
Disable_Tx_Copy
Reserved
Reserved
TxCSSWITCH
RxCSSWITCH
Table 42. Channel Status Switch Buffer and Transmitter Register Bit Description
Bit Name
Description
Tx_A/B_Same
Transmitter Channel Status A and B are the same. The transmitter reads only from the Channel Status A buffer and
places the data into the Channel Status B buffer.
0 = Channel status for A and B are separate.
1 = Channel status for A and B are the same.
Disable_Tx_Copy
Disables the copying of the channel status bits from the transmitter channel status buffer to the S/PDIF transmitter
buffer.
0 = Copying transmitter channel status is enabled.
1 = Copying transmitter channel status is disabled.
TxCSSWITCH
Toggle switch for the transmit channel status buffer.
0 = 24-byte Transmitter Channel Status A buffer can be accessed at address locations 0x38 through 0x4F.
1 = 24-byte Transmitter Channel Status B buffer can be accessed at address locations 0x38 through 0x4F.
RxCSSWITCH
Toggle switch for the receive channel status buffer.
0 = 24-byte Receiver Channel Status A buffer can be accessed at address locations 0x20 through 0x37.
1 = 24-byte Receiver Channel Status B buffer can be accessed at address locations 0x20 through 0x37.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com