Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAV803ASTZ Datasheet(PDF) 35 Page - Analog Devices

Part # ADAV803ASTZ
Description  Audio Codec for Recordable DVD
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV803ASTZ Datasheet(HTML) 35 Page - Analog Devices

Back Button ADAV803ASTZ Datasheet HTML 31Page - Analog Devices ADAV803ASTZ Datasheet HTML 32Page - Analog Devices ADAV803ASTZ Datasheet HTML 33Page - Analog Devices ADAV803ASTZ Datasheet HTML 34Page - Analog Devices ADAV803ASTZ Datasheet HTML 35Page - Analog Devices ADAV803ASTZ Datasheet HTML 36Page - Analog Devices ADAV803ASTZ Datasheet HTML 37Page - Analog Devices ADAV803ASTZ Datasheet HTML 38Page - Analog Devices ADAV803ASTZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 61 page
background image
ADAV803
Rev. A | Page 34 of 60
Record Port Control—Address 0000110 (0x06)
Table 25. Record Port Control Register Bit Map
7
6
5
4
3
2
1
0
Reserved
Reserved
CLKSRC1
CLKSRC0
WLEN1
WLEN0
SPMODE1
SPMODE0
Table 26. Record Port Control Register Bit Descriptions
Bit Name
Description
CLKSRC[1:0]
Selects the clock source for generating the OLRCLK and OBCLK.
00 = Record port is a slave.
01 = Recovered PLL clock.
10 = Internal Clock 1.
11 = Internal Clock 2.
WLEN[1:0]
Selects the serial output word length.
00 = 24 bits.
01 = 20 bits.
10 = 18 bits.
11 = 16 bits.
SPMODE[1:0]
Selects the serial format of the record port.
00 = Left-justified.
01 = I2S.
10 = Reserved.
11 = Right-justified.
Auxiliary Output Port—Address 0000111 (0x07)
Table 27. Auxiliary Output Port Register Bit Map
7
6
5
4
3
2
1
0
Reserved
Reserved
CLKSRC1
CLKSRC0
WLEN1
WLEN0
SPMODE1
SPMODE0
Table 28. Auxiliary Output Port Register Bit Descriptions
Bit Name
Description
CLKSRC[1:0]
Selects the clock source for generating the OAUXLRCLK and OAUXBCLK.
00 = Auxiliary record port is a slave.
01 = Recovered PLL clock.
10 = Internal Clock 1.
11 = Internal Clock 2.
WLEN[1:0]
Selects the serial output word length.
00 = 24 bits.
01 = 20 bits.
10 = 18 bits.
11 = 16 bits.
SPMODE[1:0]
Selects the serial format of the auxiliary record port.
00 = Left-justified.
01 = I2S.
10 = Reserved.
11 = Right-justified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com