Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7814ARM Datasheet(PDF) 5 Page - Analog Devices

Part # AD7814ARM
Description  10-Bit Digital Temperature Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7814ARM Datasheet(HTML) 5 Page - Analog Devices

  AD7814ARM Datasheet HTML 1Page - Analog Devices AD7814ARM Datasheet HTML 2Page - Analog Devices AD7814ARM Datasheet HTML 3Page - Analog Devices AD7814ARM Datasheet HTML 4Page - Analog Devices AD7814ARM Datasheet HTML 5Page - Analog Devices AD7814ARM Datasheet HTML 6Page - Analog Devices AD7814ARM Datasheet HTML 7Page - Analog Devices AD7814ARM Datasheet HTML 8Page - Analog Devices AD7814ARM Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
REV. E
AD7814
–4–
PIN FUNCTION DESCRIPTIONS
Pin
SOT-23
MSOP
Mnemonic
Pin No.
Pin No.
Description
GND
1
7
Analog and Digital Ground
DIN
2
6
Serial Data Input. Serial data to be loaded to the part’s control register is
provided on this input. Data is clocked into the control register on the rising
edge of SCLK.
VDD
35
Positive Supply Voltage, 2.7 V to 5.5 V
SCLK
4
4
Serial Clock Input. This is the clock input for the serial port. The serial clock
is used to clock data out of the temperature value register of the AD7814 and
to clock data into the control register on the part.
CS
53
Chip Select Input. Logic input. The device is selected when this input is low.
The SCLK input is disabled when this pin is high.
DOUT
6
2
Serial Data Output. Logic output. Data is clocked out of the temperature
value register at this pin. Data is clocked out on the falling edge of SCLK.
NC
1, 8
No Connect
PIN CONFIGURATIONS
SOT-23
1
2
3
GND
TOP VIEW
(Not to Scale)
6
5
4
AD7814
DIN
VDD
DOUT
CS
SCLK
MSOP
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
NC = NO CONNECT
NC
DOUT
CS
SCLK
NC
GND
DIN
VDD
AD7814



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com