Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7302ARMZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADT7302ARMZ
Description  Accurate, Micropower Digital Accurate, Micropower Digital
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7302ARMZ Datasheet(HTML) 5 Page - Analog Devices

  ADT7302ARMZ Datasheet HTML 1Page - Analog Devices ADT7302ARMZ Datasheet HTML 2Page - Analog Devices ADT7302ARMZ Datasheet HTML 3Page - Analog Devices ADT7302ARMZ Datasheet HTML 4Page - Analog Devices ADT7302ARMZ Datasheet HTML 5Page - Analog Devices ADT7302ARMZ Datasheet HTML 6Page - Analog Devices ADT7302ARMZ Datasheet HTML 7Page - Analog Devices ADT7302ARMZ Datasheet HTML 8Page - Analog Devices ADT7302ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ADT7302
Rev. B | Page 4 of 16
TIMING CHARACTERISTICS
Guaranteed by design and characterization, not production tested. All input signals are specified with tR = tF = 5 ns (10% to 90% of VDD)
and timed from a voltage level of 1.6 V.
TA = TMIN to TMAX, VDD = 2.7 V to 5.25 V, unless otherwise noted.
Table 2.
Parameter1
Limit
Unit
Comments
t
1
5
ns min
CS to SCLK setup time
t
2
25
ns min
SCLK high pulse width
t
3
25
ns min
SCLK low pulse width
t
4
2
35
ns max
Data access time after SCLK falling edge
t
5
20
ns min
Data setup time prior to SCLK rising edge
t
6
5
ns min
Data hold time after SCLK rising edge
t
7
5
ns min
CS to SCLK hold time
t
8
2
40
ns max
CS to DOUT high impedance
1 See Figure 14 for the SPI timing diagram.
2 Measured with the load circuit of Figure 2.
1.6V
200
µA
200
µA
IOH
IOL
TO
OUTPUT
PIN
CL
50pF
Figure 2. Load Circuit for Data Access Time and Bus Relinquish Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com