Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93HC46 Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT93HC46
Description  1-kb High Speed Microwire Serial EEPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93HC46 Datasheet(HTML) 8 Page - Catalyst Semiconductor

  CAT93HC46 Datasheet HTML 1Page - Catalyst Semiconductor CAT93HC46 Datasheet HTML 2Page - Catalyst Semiconductor CAT93HC46 Datasheet HTML 3Page - Catalyst Semiconductor CAT93HC46 Datasheet HTML 4Page - Catalyst Semiconductor CAT93HC46 Datasheet HTML 5Page - Catalyst Semiconductor CAT93HC46 Datasheet HTML 6Page - Catalyst Semiconductor CAT93HC46 Datasheet HTML 7Page - Catalyst Semiconductor CAT93HC46 Datasheet HTML 8Page - Catalyst Semiconductor CAT93HC46 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
CAT93HC46
Doc. No. 1008, Rev. G
ORDERING INFORMATION
Notes:
(1) The device used in the above example is a 93HC46SI-TE13 (SOIC, Industrial Temperature,Tape & Reel).
(2) Product die revision letter is marked on top of the package as a suffix to the production date code (e.g., AYWWH.) For additional
information, please contact your Catalyst sales office.
* available upon request
Package
P = PDIP
S = SOIC (JEDEC)
J = SOIC (JEDEC)
U = TSSOP
Prefix
Device #
Suffix
93HC46
S
I
TE13
Product
Number
93HC46: 1K
Tape & Reel
TE13: 2000/Reel
Operating Voltage
Blank (V
cc=2.5 to 6.0V)
1.8 (V
cc=1.8 to 6.0V)
-1.8
CAT
Temperature Range
Blank = Commercial (0¡C to +70¡C)
I = Industrial (-40¡C to +85¡C)
A = Automotive (-40¡C to +105¡C)
Optional
Company ID
E = Extended (-40ßC to +125ßC)
Rev H(2)
Die Revision



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com