Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP820CJ Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP820CJ
Description  8-Bit Microcontroller with Multi-Input Wake Up and Brown Out Detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP820CJ Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button COP820CJ Datasheet HTML 17Page - National Semiconductor (TI) COP820CJ Datasheet HTML 18Page - National Semiconductor (TI) COP820CJ Datasheet HTML 19Page - National Semiconductor (TI) COP820CJ Datasheet HTML 20Page - National Semiconductor (TI) COP820CJ Datasheet HTML 21Page - National Semiconductor (TI) COP820CJ Datasheet HTML 22Page - National Semiconductor (TI) COP820CJ Datasheet HTML 23Page - National Semiconductor (TI) COP820CJ Datasheet HTML 24Page - National Semiconductor (TI) COP820CJ Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Instruction Set
REGISTER AND SYMBOL DEFINITIONS
Registers
A
8-bit Accumulator register
B
8-bit Address register
X
8-bit Address register
SP
8-bit Stack pointer register
PC
15-bit Program counter register
PU
upper 7 bits of PC
PL
lower 8 bits of PC
C
1-bit of PSW register for carry
HC
Half Carry
GIE
1-bit of PSW register for global interrupt enable
Symbols
B
Memory indirectly addressed by B register
X
Memory indirectly addressed by X register
Mem
Direct address memory or B
MemI Direct address memory or B or Immediate data
Imm
8-bit Immediate data
Reg
Register memory addresses F0 to FF (Includes B X
and SP)
Bit
Bit number (0 to 7)
w
Loaded with
Exchanged with
Instruction Set
ADD
add
A
w A a MemI
ADC
add with carry
A
w A a MemI a C C w Carry
HC
w Half Carry
SUBC
subtract with carry
A
w A a MemI aC C w Carry
HC
w Half Carry
AND
Logical AND
A
w A and MemI
OR
Logical OR
A
w A or MemI
XOR
Logical Exclusive-OR
A
w A xor MemI
IFEQ
IF equal
Compare A and MemI Do next if A e MemI
IFGT
IF greater than
Compare A and MemI Do next if A l MemI
IFBNE
IF B not equal
Do next if lower 4 bits of B i Imm
DRSZ
Decrement Reg skip if zero
Reg
w Reg b 1 skip if Reg goes to 0
SBIT
Set bit
1 to bit
Mem (bite 0 to 7 immediate)
RBIT
Reset bit
0 to bit
Mem
IFBIT
If bit
If bit
Mem is true do next instr
X
Exchange A with memory
A
Mem
LD A
Load A with memory
A
w MemI
LD mem
Load Direct memory Immed
Mem
w Imm
LD Reg
Load Register memory Immed
Reg
w Imm
X
Exchange A with memory B
A
B
(B
w Bg1)
X
Exchange A with memory X
A
X
(X
w Xg1)
LD A
Load A with memory B
A
w B
(B
w Bg1)
LD A
Load A with memory X
A
w X
(X
w Xg1)
LD M
Load Memory Immediate
B
w Imm (B w Bg1)
CLRA
Clear A
A
w 0
INCA
Increment A
A
w A a 1
DECA
Decrement A
A
w A b 1
LAID
Load A indirect from ROM
A
w ROM(PUA)
DCORA
DECIMAL CORRECT A
A
w BCD correction (follows ADC SUBC)
RRCA
ROTATE A RIGHT THRU C
C
x A7 x
x A0 x C
SWAPA
Swap nibbles of A
A7A4
A3A0
SC
Set C
C
w 1 HC w 1
RC
Reset C
C
w 0 HC w 0
IFC
If C
If C is true do next instruction
IFNC
If not C
If C is not true do next instruction
JMPL
Jump absolute long
PC
w ii (ii e 15 bits 0 to 32k)
JMP
Jump absolute
PC110
w i(i e 12 bits)
JP
Jump relative short
PC
w PC a r(ris b31 to a32 not 1)
JSRL
Jump subroutine long
SP
w PL SP-1 w PUSP-2PC w ii
JSR
Jump subroutine
SP
w PL SP-1 w PUSP-2PC11 0 w i
JID
Jump indirect
PL
w ROM(PUA)
RET
Return from subroutine
SPa2PL
w SP PU w SP-1
RETSK
Return and Skip
SPa2PL
w SP PU w SP-1 Skip next instruction
RETI
Return from Interrupt
SPa2PL
w SP PU w SP-1 GIE w 1
INTR
Generate an interrupt
SP
w PL SPb1 w PUSP-2PC w 0FF
NOP
No operation
PC
w PC a 1
http
www nationalcom
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com