Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS2082 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS2082
Description  Dual Airbag Deployment ASIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS2082 Datasheet(HTML) 2 Page - ON Semiconductor

  CS2082 Datasheet HTML 1Page - ON Semiconductor CS2082 Datasheet HTML 2Page - ON Semiconductor CS2082 Datasheet HTML 3Page - ON Semiconductor CS2082 Datasheet HTML 4Page - ON Semiconductor CS2082 Datasheet HTML 5Page - ON Semiconductor CS2082 Datasheet HTML 6Page - ON Semiconductor CS2082 Datasheet HTML 7Page - ON Semiconductor CS2082 Datasheet HTML 8Page - ON Semiconductor CS2082 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CS2082
http://onsemi.com
2
CS CLK DIN DOUT AIN AOUT MR
Battery
Monitor
VRES
Monitor
Charge Pump
Monitor
Charge
Pump
Sensor
Monitor
+
Diagnostic
+
R
2R
R
VBAT 1
2
Current
Limit
Gate
Drive
CHRG
1.5
Current
Limit
Gate
Drive
Current
Limit
Gate
Drive
Current
Limit
Gate
Drive
VRES
1.5
CHRG
1.5
VRES
1.5
VBAT
VBAT
10 k
10 k
10 k
10 k
CHRG
VRES
VR1
SH1
SL1
FG1
SH2
SL2
FG2
VCC
VBAT
Overtemperature
Reset
VCC
GND
VR2
+
Current Limit
+ 50 mV
VBAT
VCC
Resistive
Measurement
2
1
Analog
MUX
SPI
Figure 1. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com