Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHDELSS1.22 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # CHDELSS1.22
Description  Wearables
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CHDELSS1.22 Datasheet(HTML) 1 Page - OSRAM GmbH

  CHDELSS1.22 Datasheet HTML 1Page - OSRAM GmbH CHDELSS1.22 Datasheet HTML 2Page - OSRAM GmbH CHDELSS1.22 Datasheet HTML 3Page - OSRAM GmbH CHDELSS1.22 Datasheet HTML 4Page - OSRAM GmbH CHDELSS1.22 Datasheet HTML 5Page - OSRAM GmbH CHDELSS1.22 Datasheet HTML 6Page - OSRAM GmbH CHDELSS1.22 Datasheet HTML 7Page - OSRAM GmbH CHDELSS1.22 Datasheet HTML 8Page - OSRAM GmbH CHDELSS1.22 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2017-08-03
1
2017-08-03
FIREFLY E1608
Datasheet
Version 1.2
CH DELSS1.22
The FIREFLY E1608 family expands OSRAM Opto
Semiconductors’ portfolio of visible products for use in
mobile devices like fitness tracking or health
monitoring. It offers one of the smallest LED footprints
in a highly reliable and proven package. The compact
size of only 0.8 mm x 1.6 mm x 0.6 mm allows
customers the benefit of more flexible product designs.
The hyper red CH DELSS1.22 is specially designed for
SPO2 applications. It features a special narrow
wavelength of 660 nm to improve signal detection, that
is ideally matched to these applications.
Mit der FIREFLY E1608 Familie erweitert OSRAM
Opto Semiconductors sein Portfolio für den Einsatz in
mobilen Anwendungen wie Fitness-Tracking oder
Gesundheits-Monitoring. Sie bietet eines der kleinsten
LED Formate in einem hoch zuverlässigen und
stabilen Gehäuse. Ihre kompakte Größe von lediglich
0,8 mm x 1,6 mm x 0,6 mm erlaubt Kunden ein
flexibleres Produktdesign. Die „hyper red“ CH
DELSS1.22 eignet sich besonders für
Blutsauerstoffmessungen. Sie verfügt bei 660 nm über
einen speziellen schmalbandigen
Wellenlängenbereich, der für diese Anwendungen
optimal geeignet ist.
Features:
Besondere Merkmale:
•
Package: white SMT package, colorless clear
resin
•
Gehäusetyp: weißes SMT Gehäuse, farbloser
klarer Verguss
•
Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
•
Color: hyper red
•
Farbe: hyperrot
Applications
Anwendungen
•
Wearables
•
Wearables
•
Pulse oximetry
•
Pulsoximeter
•
Mobile devices
•
Mobile Geräte


Similar Part No. - CHDELSS1.22

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
CHDELSS1.22-S1T2-1 OSRAM-CHDELSS1.22-S1T2-1 Datasheet
630Kb / 22P
white SMT package, colorless clear
More results

Similar Description - CHDELSS1.22

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25120 TI-BQ25120_15 Datasheet
1Mb / 66P
bq25120 700-nA Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25120A TI1-BQ25120A Datasheet
1Mb / 67P
Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25122 TI1-BQ25122 Datasheet
2Mb / 70P
Low IQ Highly Integrated Battery Charge Management Solution for Hearables, Wearables, and IoT
BQ25121A TI1-BQ25121A Datasheet
2Mb / 70P
Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25125 TI1-BQ25125 Datasheet
2Mb / 69P
Low IQ Highly Integrated Battery Charge Management Solution For Wearables and IoT
BQ25123 TI-BQ25123 Datasheet
3Mb / 72P
BQ25123 700-nA Low Iq Highly Integrated Battery Charge Management Solution for Wearables
logo
Maxim Integrated Produc...
MAX32630 MAXIM-MAX32630 Datasheet
468Kb / 27P
Ultra-Low Power, High-Performance Cortex-M4F Microcontroller for Wearables
19-8478; Rev 0; 3/16
MAX32666 MAXIM-MAX32666 Datasheet
361Kb / 45P
Low-Power Arm Cortex-M4 with FPU-Based Microcontroller with Bluetooth 5 for Wearables
2021
logo
Kingston Technology Far...
04EP04-N3GM627 KINGSTON-04EP04-N3GM627 Datasheet
2Mb / 2P
Embedded Package-on-Package Memory for Wearables
logo
Analog Devices
MAX32690 AD-MAX32690 Datasheet
722Kb / 66P
Arm Cortex-M4 with FPU Microcontroller and Bluetooth LE 5 for Industrial and Wearables
19-101599; Rev 0; 10/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com