Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GWKAGMB3.DM Datasheet(PDF) 10 Page - OSRAM GmbH

Part # GWKAGMB3.DM
Description  Indoor General Lighting
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWKAGMB3.DM Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button GWKAGMB3.DM Datasheet HTML 6Page - OSRAM GmbH GWKAGMB3.DM Datasheet HTML 7Page - OSRAM GmbH GWKAGMB3.DM Datasheet HTML 8Page - OSRAM GmbH GWKAGMB3.DM Datasheet HTML 9Page - OSRAM GmbH GWKAGMB3.DM Datasheet HTML 10Page - OSRAM GmbH GWKAGMB3.DM Datasheet HTML 11Page - OSRAM GmbH GWKAGMB3.DM Datasheet HTML 12Page - OSRAM GmbH GWKAGMB3.DM Datasheet HTML 13Page - OSRAM GmbH GWKAGMB3.DM Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
2016-05-06
10
Version 1.0
GW KAGMB3.DM
Relative Forward Voltage 5) page 17
Relative Vorwärtsspannung 5) Seite 17
ΔVF = VF - VF(85 °C) = f(Tj); IF = 700 mA
Relative Luminous Flux 5) page 17
Relativer Lichtstrom 5) Seite 17
ΦV/ΦV(85 °C) = f(Tj); IF = 700 mA
Chromaticity Coordinate Shift 5) page 17
Farbortverschiebung 5) Seite 17
ΔCx, ΔCy = f(Tj); IF = 700 mA
GW KAGMB3.DM
-40 -20
0
20 40 60 80 100 120
Tj [°C]
-2
0
2
4
6
8
10
12
∆
VF [V]
GW KAGMB3.DM
-40 -20
0
20 40 60 80 100 120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
Φv
Φv(85°C)
GW KAGMB3.DM
-40 -20
0
20 40 60 80 100 120
Tj [°C]
-0,08
-0,06
-0,04
-0,02
0,00
0,02
0,04
0,06
0,08
∆
Cx
∆
Cy
: Cx
: Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com