Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAE63B Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LAE63B
Description  Traffic lights
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LAE63B Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LAE63B Datasheet HTML 5Page - OSRAM GmbH LAE63B Datasheet HTML 6Page - OSRAM GmbH LAE63B Datasheet HTML 7Page - OSRAM GmbH LAE63B Datasheet HTML 8Page - OSRAM GmbH LAE63B Datasheet HTML 9Page - OSRAM GmbH LAE63B Datasheet HTML 10Page - OSRAM GmbH LAE63B Datasheet HTML 11Page - OSRAM GmbH LAE63B Datasheet HTML 12Page - OSRAM GmbH LAE63B Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Version 1.1
LA E63B
2016-06-02
9
Forward Current 7) page 20 , 8) page 20
Durchlassstrom 7) Seite 20 , 8) Seite 20
IF = f (VF); TS = 25 °C
Relative Partial Flux 7) page 20 , 8) page 20
Relativer Partieller Lichtfluss 7) Seite 20 , 8) Seite 20
EV/EV(50 mA) = f(IF); TS = 25 °C
Relative Partial Flux 7) page 20
Relativer Partieller Lichtfluss 7) Seite 20
EV/EV(25 °C) = f(Tj); IF = 50 mA
OHL00590
10
-2
10
-1
10
0
10
1
F
V
10
2
F
I
mA
2.3
1.3
1.5
1.7
1.9
2.1
V 2.5
OHL10595
10
10
10
-2
0
10
-1
10 1
mA
F
I
V (50 mA)
E
10
1
10
0
V
E
2
OHL20740
0
-40
˚C
T
(25 ˚C)
V
V
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
2.0
-20
0
20
40
60
100
j
E
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com