Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPD1 Datasheet(PDF) 1 Page - ISOCOM COMPONENTS

Part # FPD1
Description  Computer terminals
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

FPD1 Datasheet(HTML) 1 Page - ISOCOM COMPONENTS

  FPD1 Datasheet HTML 1Page - ISOCOM COMPONENTS FPD1 Datasheet HTML 2Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISOCOM COMPONENTS LTD
Unit 25B, Park View Road West,
Park View Industrial Estate, Brenda Road
Hartlepool, Cleveland, TS25 1YD
Tel: (01429) 863609 Fax :(01429) 863581
HIGH DENSITY MOUNTING
PHOTODARLINGTON
OPTICALLYCOUPLEDISOLATORS
DESCRIPTION
The IS355 is an optically coupled isolator
consisting of an infrared light emitting diode and
NPN silicon photodarlington in a space efficient
dual in line plastic package.
FEATURES
l
Marked as FPD1.
l
Current Transfer Ratio MIN. 600%
l
IsolationVoltage (3.75kV
RMS,5.3kVPK)
l
All electrical parameters 100% tested
l
Drop in replacement for Sharp PC355
APPLICATIONS
l
Computer terminals
l
Industrial systems controllers
l
Measuring instruments
l
Signal transmission between systems of
different potentials and
impedances
IS355
DB92859l-AAS/A5
29/8/07
Dimensions in mm
3.85 +- 0.3


Similar Part No. - FPD1

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
FPD1 ISOCOM-FPD1 Datasheet
278Kb / 6P
Computer terminals
logo
Filtronic Compound Semi...
FPD10000AF FILTRONIC-FPD10000AF Datasheet
185Kb / 3P
10W PACKAGED POWER PHEMT
FPD10000V FILTRONIC-FPD10000V Datasheet
240Kb / 3P
10W POWER PHEMT FOR WIMAX POWER AMPLIFIERS
FPD1000AS FILTRONIC-FPD1000AS Datasheet
533Kb / 8P
1W PACKAGED POWER PHEMT
FPD1000AS FILTRONIC-FPD1000AS Datasheet
539Kb / 11P
1W PACKAGED POWER PHEMT
More results

Similar Description - FPD1

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8503 AME-AME8503 Datasheet
491Kb / 17P
Computer Peripherals
logo
Ohmite Mfg. Co.
RES-LVC OHMITE-RES-LVC Datasheet
360Kb / 2P
Computer
logo
ISOCOM COMPONENTS
IS124 ISOCOM-IS124 Datasheet
59Kb / 2P
Computer terminals
IS126 ISOCOM-IS126 Datasheet
57Kb / 2P
Computer terminals
IS354 ISOCOM-IS354 Datasheet
58Kb / 2P
Computer terminals
IS452 ISOCOM-IS452 Datasheet
316Kb / 6P
Computer terminals
IS2701-1 ISOCOM-IS2701-1 Datasheet
62Kb / 2P
Computer terminals
IS2702-1 ISOCOM-IS2702-1 Datasheet
278Kb / 6P
Computer terminals
IS2705-1 ISOCOM-IS2705-1 Datasheet
315Kb / 6P
Computer terminals
IS2732-1 ISOCOM-IS2732-1 Datasheet
337Kb / 1P
Computer terminals
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com