Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL646 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # GL646
Description  Three-in-one Scanner Controller for USB and 1394
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL646 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button GL646 Datasheet HTML 29Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 30Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 31Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 32Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 33Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 34Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 35Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 36Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
Revision 1.3
Mar.22 2001
-32-
GL646USB
7.40. Reg : 3AH,3BH
(Write)
Defalut : 00H,00H
FEWRDATA[9:0] : This port is used to write data to control register of front-end.
7.41. Reg : 3CH
(Write)
Defalut : 00H
RAMWRDATA[7:0] : This port is used to write data to DRAM.
7.42. Reg : 3DH,3EH,3FH
(Write)
Defalut : 00H,00H,00H
FEEDL[17:0] : to set feeding steps number of motor move.
7.43. Reg : 41H
(Read)
PWRBIT : To indicate power status.
BUFEMPTY
: set: To indicate that the image buffer is empty.
: reset: To indicate that the image buffer is not empty.
FEEDFSH
: set: To indicate that motor feeding is finished.
: reset: To indicate that motor feeding is not finished.
SCANFSH :
: set: To indicate that scan is finished.
: reset: To indicate that scan is not finished.
HOMESNR :
: set: home sensor is off (is home position).
: reset: home sensor is on (is not home position).
LAMPSTS :
: set: lamp is on.
: reset: lamp is off.
FEBUSY
: set: front end is busy and can not read/write again.
: reset: front end is ready and be able to read/write again.
MOTMFLG
: set: motor is moving.
: reset: motor is stop.
7.44. Reg : 42H,43H,44H
(Read)
VALIDWORD[18:0] : to indicate available words to read out in the image buffer of DRAM.
7.45. Reg : 45H
(Read)
RAMRDDATA[7:0] : this port for read DRAM data.
7.46. Reg : 46H,47H
(Read)
FERDDATA[9:0] : this port for read front end control register.
7.47. Reg : 48H,49H,4AH
(Read)
FEDCNT[17:0] : to read motor feeding steps number.
For example, if you have set moving steps no. and execute moving command.
You can read out steps no. moved.
7.48. Reg : 4BH,4CH,4DH
(Read)
SCANCNT[17:0] : to read scanner finished lines number.
7.49. Reg : 4EH,4FH
(Read)
LPERIODRD[15:0] : to read back Reg38,Reg39 value.
7.50. Reg : 50H
(Write)
Default : 00H
FERDA[5:0] : this port is read address setting for Front End control register read.
7.51. Reg : 51H
(Write)
Default : 00H
FEWRA[5:0] : this port is write address setting for Front End control register write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com