Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KRTBEILP41.32 Datasheet(PDF) 15 Page - OSRAM GmbH

Part # KRTBEILP41.32
Description  Indoor Video Walls
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KRTBEILP41.32 Datasheet(HTML) 15 Page - OSRAM GmbH

Back Button KRTBEILP41.32 Datasheet HTML 11Page - OSRAM GmbH KRTBEILP41.32 Datasheet HTML 12Page - OSRAM GmbH KRTBEILP41.32 Datasheet HTML 13Page - OSRAM GmbH KRTBEILP41.32 Datasheet HTML 14Page - OSRAM GmbH KRTBEILP41.32 Datasheet HTML 15Page - OSRAM GmbH KRTBEILP41.32 Datasheet HTML 16Page - OSRAM GmbH KRTBEILP41.32 Datasheet HTML 17Page - OSRAM GmbH KRTBEILP41.32 Datasheet HTML 18Page - OSRAM GmbH KRTBEILP41.32 Datasheet HTML 19Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
KRTB EILP41.32
2017-11-14
15
Relative Lichtstärke
5) Seite 29
Relative Luminous Intensity
5) page 29
I
V/IV(25 °C) = f (TS); IF = 10 mA (red)
Relative Lichtstärke
5) Seite 29
Relative Luminous Intensity
5) page 29
I
V/IV(25 °C) = f (TS); IF = 5mA(blue)
Relative Lichtstärke
5) Seite 29
Relative Luminous Intensity
5) page 29
I
V/IV(25 °C) = f (TS); IF = 5 mA (true green);
KRTBEILP41.32
40
60
80
100
120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Iv
Iv(25°C)
: red
KRTBEILP41.32
40
60
80
100
120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Iv
Iv(25°C)
: blue
KRTBEILP41.32
40
60
80
100
120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Iv
Iv(25°C)
: true green



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com