Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1422ECM Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1422ECM
Description  12-Bit, 20Msps, 3.3V, Low-Power ADC with Internal Reference
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1422ECM Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1422ECM Datasheet HTML 1Page - Maxim Integrated Products MAX1422ECM Datasheet HTML 2Page - Maxim Integrated Products MAX1422ECM Datasheet HTML 3Page - Maxim Integrated Products MAX1422ECM Datasheet HTML 4Page - Maxim Integrated Products MAX1422ECM Datasheet HTML 5Page - Maxim Integrated Products MAX1422ECM Datasheet HTML 6Page - Maxim Integrated Products MAX1422ECM Datasheet HTML 7Page - Maxim Integrated Products MAX1422ECM Datasheet HTML 8Page - Maxim Integrated Products MAX1422ECM Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
12-Bit, 20Msps, 3.3V, Low-Power ADC with
Internal Reference
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VAVDD = VDVDD = 3.3V, AGND = DGND = 0, VIN = ±1.024V, differential input voltage at -0.5dBFS, internal reference, fCLK = 20MHz (50%
duty cycle); digital output load CL = 10pF,
≥+25°C guaranteed by production test, <+25°C guaranteed by design and characterization.
Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVDD, DVDD to AGND..............................................-0.3V to +4V
DVDD, AVDD to DGND..............................................-0.3V to +4V
DGND to AGND.....................................................-0.3V to +0.3V
INP, INN, REFP, REFN, REFIN,
CML,CLK, CLK, ....................(AGND - 0.3V) to (AVDD + 0.3V)
D0–D11, OE, PD .......................(DGND - 0.3V) to (DVDD + 0.3V)
Continuous Power Dissipation (TA = +70°C)
48-Pin TQFP (derate 21.7mW/°C above +70°C)........1739mW
Operating Temperature Ranges
MAX1422CCM ....................................................0°C to +70°C
MAX1422ECM .................................................-40°C to +85°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY
Resolution
RES
12
Bits
TA = +25°C, no missing codes
-1
1
Differential Nonlinearity
DNL
TA = TMIN to TMAX
±0.5
LSB
Integral Nonlinearity
INL
TA = TMIN to TMAX
±2
LSB
Mid-scale Offset
MSO
-3
±.75
3
%FSR
Mid-scale Offset Temperature
Coefficient
MSOTC
3
✕ 10-4
%/
°C
Internal reference (Note 1)
-5
±0.1
5
External reference applied to REFIN, (Note 2)
-5
±0.2
5
Gain Error
GE
External reference applied to REFP, CML,
and REFN (Note 3)
-1.5
1.5
%FSR
Gain Error Temperature
Coefficient
GETC
External reference applied to REFP, CML,
and REFN (Note 3)
15
✕ 10-6
%/
°C
DYNAMIC PERFORMANCE (fCLK = 20MHz, 4096-point FFT)
Signal-to-Noise Ratio
SNR
fIN = 5MHz, TA = +25°C
63
67
dB
Spurious-Free Dynamic Range
SFDR
fIN = 5MHz, TA = +25°C
64
74
dBc
Total Harmonic Distortion
THD
fIN = 5MHz, TA = +25°C
-72
-63
dBc
Signal-to-Noise and Distortion
SINAD
fIN = 5MHz, TA = +25°C
60
65
dB
Effective Number of Bits
ENOB
fIN = 5MHz
10.5
Bits
Two-Tone Intermodulation
Distortion
IMD
fIN1 = 7.028MHz, fIN2 = 8.093MHz (Note 4)
-77
dBc
Differential Gain
DG
±1%
Differential Phase
DP
±0.25
Degrees
ANALOG INPUTS (INP, INN, CML)
Input Resistance
RIN
Either input to ground
61
k
Ω
Input Capacitance
CIN
Either input to ground
4
pF
Common-Mode Input Level
(Note 5)
VCML
VAVDD ✕
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com