Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE95D Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SE95D
Description  Ultra high accuracy digital temperature sensor and thermal WatchdogE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SE95D Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SE95D Datasheet HTML 9Page - NXP Semiconductors SE95D Datasheet HTML 10Page - NXP Semiconductors SE95D Datasheet HTML 11Page - NXP Semiconductors SE95D Datasheet HTML 12Page - NXP Semiconductors SE95D Datasheet HTML 13Page - NXP Semiconductors SE95D Datasheet HTML 14Page - NXP Semiconductors SE95D Datasheet HTML 15Page - NXP Semiconductors SE95D Datasheet HTML 16Page - NXP Semiconductors SE95D Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Philips Semiconductors
Product data sheet
SE95
Ultra high accuracy digital temperature sensor and
thermal Watchdog
™
2004 Dec 21
13
Table 9. Tos and Thyst table
Limit data
Limit temp value
11–bit Binary (2’s complement)
3-bit Hex
Decimal value
°C
0111 1101 0
0FAh
250
+125.0
°C
0001 1001 0
032h
50
+25.0
°C
0000 0000 1
001h
1
+0.5
°C
0000 0000 0
000h
0
0.0
°C
1111 1111 1
1FFh
–1
–0.5
°C
1110 0111 0
1CEh
–50
–25.0
°C
1100 1001 0
192h
–110
–55.0
°C
OS output and polarity
The OS output is an open-drain output and its state represents
results of the device Watchdog operation as described in the
“General operation” section. In order to observe this output state, an
external pull-up resistor is needed. The resistor should be as large
as possible, up 200 k
Ω, to minimize the temp reading error due to
internal heating by the high OS sinking current.
The OS output active state can be selected as HIGH or LOW by
programming bit B2 of the Configuration register: setting B2 to 1
selects OS active HIGH and setting B2 to 0 sets OS active LOW.
At power-up, this bit is equal to 0 and the OS active state is LOW.
OS comparator and interrupt modes
As described in the “General operation” section, the device OS
output responds to the result of the comparison between the Temp
data and the programmed limits, Tos and Thyst, in different ways
depending on the selected OS mode: OS comparator or OS
interrupt. The OS mode is selected by programming bit B1 of the
configuration register: setting B1 to 1 selects the OS interrupt mode,
and setting B1 to 0 selects the OS comparator mode. At power up,
this bit is equal to 0 and the OS comparator is selected.
The main difference between the two modes is that in OS
comparator mode, the OS output becomes active when the Temp
has exceeded the Tos and reset when the Temp has dropped below
the Thyst, reading a register or putting the device into shut-down
does not change the state of the OS output; while in OS interrupt
mode, once it has been activated either by exceeding the Tos or
dropping below the Thyst, the OS output will remain active
indefinitely until reading a register or putting the device into
shut-down occurs, then the OS output is reset.
The Tos & Thyst limits must be selected so that Tos temp value >
Thyst temp value. Otherwise, the OS output state will be undefined.
OS fault queue
Fault queue is defined as the number of faults that must occur
consecutively to activate the OS output. It is provided to avoid false
tripping due to noise. Because faults are determined at the end of
data conversions, fault queue is also defined as the number of
consecutive conversions returning a temperature trip. The value of
fault queue is selectable by programming the two bits B4 and B3 of
the configuration register. Notice that the programmed data and the
fault queue value are not the same. The Fault queue table
(Table 10) shows the one-to-one relationship between them. At
power-up, fault queue data = 0 and fault queue value = 1.
Table 10. Fault queue table
Fault queue data
Fault queue value
B4
B3
Decimal
0
0
1
0
1
2
1
0
4
1
1
6
Shutdown mode
The device operation mode is selected by programming bit B0 of the
Configuration register: Setting B0 to 1 will put the device into
shut-down mode. Resetting B0 to 0 will return the device to normal
mode.
In shut-down mode, the device draws a small current of about
7.5
µA and the power dissipation is minimized; the temperature
conversion stops, but the I2C interface remains active and register
write/read operation can be performed. If the OS output is in
comparator mode, then it remains unchanged. In Interrupt mode, the
OS output is reset.
Power-up default and Power-on Reset
The SE95 always powers-up in its default state with:
– Normal operation mode
– OS comparator mode
– Tos = 80
°C
– Thyst = 75
°C
– OS output active state = LOW
– Pointer value = 0.
When the power supply voltage is dropped below the device
power-on reset level of about 1.9 V (POR) and then rises up again,
the device will be reset to its default condition as listed above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com