Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2236DAPG4 Datasheet(PDF) 15 Page - Texas Instruments

Part # TPS2236DAPG4
Description  ExpressCard POWER INTERFACE SWITCH
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2236DAPG4 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS2236DAPG4 Datasheet HTML 11Page - Texas Instruments TPS2236DAPG4 Datasheet HTML 12Page - Texas Instruments TPS2236DAPG4 Datasheet HTML 13Page - Texas Instruments TPS2236DAPG4 Datasheet HTML 14Page - Texas Instruments TPS2236DAPG4 Datasheet HTML 15Page - Texas Instruments TPS2236DAPG4 Datasheet HTML 16Page - Texas Instruments TPS2236DAPG4 Datasheet HTML 17Page - Texas Instruments TPS2236DAPG4 Datasheet HTML 18Page - Texas Instruments TPS2236DAPG4 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
www.ti.com
VO(AUXOUT)
VO(RCLKEN)
VO(PERST)
t − Time − 1 ms/div
2 V/div
2 V/div
2 V/div
VO(PERST)
t − Time − 500 ns/div
VI(SYSRST)
2 V/div
2 V/div
VO(PERST)
t − Time − 100 ms/div
VI(SYSRST)
2 V/div
2 V/div
VO(3.3VOUT)
VO(1.5VOUT)
VO(AUXOUT)
VI(3.3VIN)
RL(3.3VOUT) = 3.6 W
RL(1.5VOUT) = 2.7 W
RL(AUXOUT) = 12 W
CL(3.3V/1.5V/AUXOUT) = 68 mF
t − Time − 500 ms/div
2 V/div
2 V/div
2 V/div
2 V/div
TPS2231
TPS2236
SLVS536B – JULY 2004 – REVISED JANUARY 2005
RCLKEN AND PERST VOLTAGE DURING POWER DOWN
PERST ASSERTED BY SYSRST WHEN POWER IS ON
vs
vs
TIME
TIME
Figure 4.
Figure 5.
PERST DE-ASSERTED BY SYSRST WHEN POWER IS ON
OUTPUT VOLTAGE WHEN 3.3VIN IS REMOVED
vs
vs
TIME
TIME
Figure 6.
Figure 7.
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com