Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL300-F Datasheet(PDF) 13 Page - Vishay Siliconix

Part # IL300-F
Description  Linear Optocoupler, High Gain Stability, Wide Bandwidth
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL300-F Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button IL300-F Datasheet HTML 7Page - Vishay Siliconix IL300-F Datasheet HTML 8Page - Vishay Siliconix IL300-F Datasheet HTML 9Page - Vishay Siliconix IL300-F Datasheet HTML 10Page - Vishay Siliconix IL300-F Datasheet HTML 11Page - Vishay Siliconix IL300-F Datasheet HTML 12Page - Vishay Siliconix IL300-F Datasheet HTML 13Page - Vishay Siliconix IL300-F Datasheet HTML 14Page - Vishay Siliconix IL300-F Datasheet HTML 15Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
VISHAY
IL300
Document Number 83622
Rev. 1.4, 26-Oct-04
Vishay Semiconductors
www.vishay.com
13
For best results, place a buffer transistor between the
LED and output of the operational amplifier when a
CMOS opamp is used or the LED IFq drive is targeted
to operate beyond 15 mA. Finally the bandwidth is
influenced by the magnitude of the closed loop gain of
the input and output amplifiers. Best bandwidths
result when the amplifier gain is designed for unity.
Package Dimensions in Inches (mm)
i178010
ISO Method A
Pin 1 ID.
.240 (6.096)
.260 (6.604)
3
4
.380 (9.652)
.400 (10.16)
10°
.300 Typ.
(7.62) Typ.
.021 (0.527)
.035 (0.889)
1
2
.280 (7.112)
.330 (8.382)
.016 (.406)
.020 (.508 )
.130 (3.302)
.150 (3.810)
.040 (1.016)
.050 (1.270 )
.100 (2.540)
4°
.010 (0.254) REF.
.050 (1.270)
3°
9
.110 (2.794)
.130 (3.302)
.010 (0.254) REF.
6
5
8
7
.020 (0.508) REF.
.008 (0.203)
.012 (0.305)
min.
.315 (8.00)
.020 (.51)
.040 (1.02)
.300 (7.62)
ref.
.375 (9.53)
.395 (10.03)
.012 (.30) typ.
.0040 (.102)
.0098 (.249)
15° max.
Option 9
.014 (0.35)
.010 (0.25)
.400 (10.16)
.430 (10.92)
.307 (7.8)
.291 (7.4)
.407 (10.36)
.391 (9.96)
Option 6
.315 (8.0)
MIN.
.300 (7.62)
TYP.
.180 (4.6)
.160 (4.1)
.331 (8.4)
MIN.
.406 (10.3)
MAX.
.028 (0.7)
MIN.
Option 7
18450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com