Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSA4476 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FSA4476
Description  USB Type-C analog audio switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA4476 Datasheet(HTML) 5 Page - ON Semiconductor

  FSA4476 Datasheet HTML 1Page - ON Semiconductor FSA4476 Datasheet HTML 2Page - ON Semiconductor FSA4476 Datasheet HTML 3Page - ON Semiconductor FSA4476 Datasheet HTML 4Page - ON Semiconductor FSA4476 Datasheet HTML 5Page - ON Semiconductor FSA4476 Datasheet HTML 6Page - ON Semiconductor FSA4476 Datasheet HTML 7Page - ON Semiconductor FSA4476 Datasheet HTML 8Page - ON Semiconductor FSA4476 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
© 2016 Semiconductor Components Industries, LLC
www.onsemi.com
FSA4476 Rev. 1.3.2
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable
above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition,
extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute
maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VBAT
Supply Voltage from VBAT
-0.5
6.5
V
VBUS
Supply Voltage from VBUS
-0.5
28
V
VVICC
VCCx, to GND
-0.5
20
V
VVCC_H
VCCx_H, to GND
-0.5
6.5
V
VSW_USB/Audio
VDP_R to GND, VDN_L to GND
-3.5
16
V
VSW_USB
VDP to GND, VDN to GND
-0.5
6.5
V
VSW_Audio
VL to GND, VR to GND,
-3.5
+3.5
V
VVSBU
VSBU1 to GND, VSBU2 to GND,
-0.5
20
V
VVSBU_H
VSBU1_H to GND, VSBU2_H to GND,
-0.5
6.5
V
VI/O
MIC,GND_M, INT,INT1 to GND,
-0.5
6.5
V
VCNTRL
Control Input Voltage
ENN,ENx
-0.5
6.5
V
ICCSW
CC Switch Current
1.25
A
ISW_Audio
Switch I/O Current, Audio path,
-250
250
mA
ISW_USB
Switch I/O Current, USB path,
100
mA
ISW_MIC
Switch I/O Current, MIC to SBU1 or SBU2
50
mA
ISW_GND_M
Switch I/O Current, GND_M to SBU1 or SBU2
100
mA
ISW_GND
Switch I/O Current, GND to SBU1 or SBU2
500
mA
IIK
DC Input Diode Current
-50
mA
ESD
Human Body Model, ANSI/ESDA/ JEDEC
JS-001-2012
Connector side and power pins:
VBUS, VBAT, CC1, CC2, SBU1,
SBU2, DP/R, DN/L
4
kV
Host side pins: the rest pins
2
Charged Device Model, JEDEC: JESD22-C101
1
TA
Absolute Maximum Operating Temperature
-40
+85
°C
TSTG
Storage Temperature
-65
+150
°C
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating
conditions are specified to ensure optimal performance. Onsemi does not recommend exceeding them or designing to
Absolute Maximum Ratings.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Power
VBAT
Supply Voltage
2.7
5.5
V
VBUS
Supply Voltage
4.0
20
V
USB Switch
VSW_USB
VDP to GND, VDN to GND, VDP/R to GND, VDN/L to GND
0
4.0
V
Audio Switch
VSW_Audio
VDP/R to GND, VDN/L to GND, VL to GND, VR to GND
-3
+3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com