Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSMB75-LR-PC-2-CF Datasheet(PDF) 6 Page - DDK Ltd.

Part # SSMB75-LR-PC-2-CF
Description  75 廓 SSMB Type Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

SSMB75-LR-PC-2-CF Datasheet(HTML) 6 Page - DDK Ltd.

  SSMB75-LR-PC-2-CF Datasheet HTML 1Page - DDK Ltd. SSMB75-LR-PC-2-CF Datasheet HTML 2Page - DDK Ltd. SSMB75-LR-PC-2-CF Datasheet HTML 3Page - DDK Ltd. SSMB75-LR-PC-2-CF Datasheet HTML 4Page - DDK Ltd. SSMB75-LR-PC-2-CF Datasheet HTML 5Page - DDK Ltd. SSMB75-LR-PC-2-CF Datasheet HTML 6Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Unit:mm
http://www.ddknet.co.jp
SSMB75 Series
6
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
○ 結線方法(3)
50%
Cable
Ferrule
Center Conductor
 Pre-soldering
Outer Conductor
Sheath
9.6 0.5
4 0.5
1 0.5
Spread the top
Outer Conductor
Body
Contact Slit
Dies
Ferule
Contact
Soldering
Plate
L
Insulator
①
②
③
④
⑤
⑥
⑦
① Cut the cable
The cable length required for the cable assembly.
   L=L+0.3
② Insert the ferrule.
  Insert the ferrule into the cable.
③ Terminating a cable and soldering.
( Note)Please be careful to not damage the outer
conductor, insulator and center conductor. 
 
Pre-soldering the center conductor. 
( Note)Please be careful to not deform the insulator
by heat
④ Insert body assembly
 
 
Spread the top of the outer conductor.
( Note) Insert the root of connector body between outer
conductor and insulator.
(Note)The center conductor is caught in the contact
slit enough.
⑤ Crimping
Cover the ferrule on the naked outer conductor.
 
Crimp the ferrule. (Crimping Dies : RFD-1)
(Note)The gap between body and ferrule is 0.5 max.
⑥ Soldering
 
Solder the contact with center conductor.
⑦ Insert the plate on the top of connector
and press-in.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com