Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS1A Datasheet(PDF) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # RS1A
Description  FAST RECOVER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

RS1A Datasheet(HTML) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

  RS1A Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. RS1A Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG. 2
– MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
PULSE WIDTH 3.3ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
1
20
10
0
30
40
2
5
10
20
50
100
FIG. 1
– FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE (℃)
0.4
0.2
0
25
0.6
0.8
1.0
50
75
100
125
150
175
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
FIG.3
– TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE ,VOLTS
1
100
10
1
4
10
100
TJ = 25
°C f = 1 MHz
RS1J - RS1M
RS1A - RS1G
FIG.4-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE ,VOLTS
TJ = 25
°C
PULSE WIDTH 300us
0
0.1
1.0
0.01
10
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.2
2
GAOMI XINGHE ELECTRONICS CO.,LTD.                      WWW.SDDZG.COM
A
U
THR
RS1
RS1M
星合电子
XINGHE ELECTRONICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com