Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMF8811 Datasheet(PDF) 9 Page - ON Semiconductor

Part # FDMF8811
Description  High Performance 100V Bridge Power Stage Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF8811 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FDMF8811 Datasheet HTML 5Page - ON Semiconductor FDMF8811 Datasheet HTML 6Page - ON Semiconductor FDMF8811 Datasheet HTML 7Page - ON Semiconductor FDMF8811 Datasheet HTML 8Page - ON Semiconductor FDMF8811 Datasheet HTML 9Page - ON Semiconductor FDMF8811 Datasheet HTML 10Page - ON Semiconductor FDMF8811 Datasheet HTML 11Page - ON Semiconductor FDMF8811 Datasheet HTML 12Page - ON Semiconductor FDMF8811 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
FDMF8811
www.onsemi.com
8
TYPICAL CHARACTERISTICS
Figure 7 Forward Bias Safe Operating Area
Figure 8 Normalized on Resistance vs. Drain Current
and Gate Voltage
Figure 9 Normalized on Resistance vs. Temperature
Figure 10 On Resistance vs. Gate to Source Voltage
Figure 11 Single Pulse Maximum Power Dissipation
Figure 12 Junction to Ambient Transient Thermal
0.1
1
10
100
1000
0.1
1
10
100
V
DS, DRAIN-SOURCE VOLTAGE (V)
100ms
R
DS(ON) LIMIT
SINGLE PULSE
RqJC = 2.24 oC/W
T
C = 25
oC, VGS=10V
10ms
1ms
100us
10us
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
10
20
30
40
50
60
70
80
90
100
110
I
D, DRAIN CURRENT (A)
V
GS = 6V
V
GS = 14V
V
GS = 12V
V
GS = 10V
V
GS = 8V
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-75
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (
oC)
I
D = 16A
V
GS = 10V
0
5
10
15
20
25
30
4
6
8
10
12
14
V
GS, GATE TO SOURCE VOLTAGE (V)
I
D = 16A
T
J = 125
oC
T
J = 25
oC
10
100
1000
10000
1E-05
0.0001
0.001
0.01
0.1
1
pw
FDMF8811
t, PULSE WIDTH (sec)
SINGLE PULSE
RqJC = 2.24 oC/W
T
C = 25
oC
0.001
0.01
0.1
1
10
1E-05
0.0001
0.001
0.01
0.1
1
t, RECTANGULAR PULSE DURATION (sec)
TRANSIENT THERMAL IMPEDANCE
Single
0.5
0.2
0.1
0.05
0.02
0.01
FDMF8811



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com