Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2476 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2476
Description  Monolithic Triple Channel 6.5 ns High Gain CRT Driver and Bias Clamp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2476 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2476 Datasheet HTML 1Page - National Semiconductor (TI) LM2476 Datasheet HTML 2Page - National Semiconductor (TI) LM2476 Datasheet HTML 3Page - National Semiconductor (TI) LM2476 Datasheet HTML 4Page - National Semiconductor (TI) LM2476 Datasheet HTML 5Page - National Semiconductor (TI) LM2476 Datasheet HTML 6Page - National Semiconductor (TI) LM2476 Datasheet HTML 7Page - National Semiconductor (TI) LM2476 Datasheet HTML 8Page - National Semiconductor (TI) LM2476 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LM2476 Test Circuits
Figure 4 shows a typical test circuit to evaluate the LM2476 CRT Driver and Bias Clamp electrical characteristics. The driver test
circuit is designed to allow for testing the transient response in a 50
Ω environment without the use of an expensive FET probe.
An input from a 50
Ω pulse generator output can be AC coupled and biased with an external supply via the V
BIAS input. The two
2.49 k
Ω resistors form a 200:1 divider with the 50Ω resistor and the oscilloscope. The clamp test circuit is designed to allow for
testing the clamp outputs. A clamp input can be biased with an external supply via the V
DC input and a high impedance voltmeter
(>100M
Ω) can be used to measure the DC voltage at the clamp outputs. Test points can included to accommodate voltmeter or
oscilloscope probes.
20121903
Note: 8 pF load includes parasitic capacitance.
FIGURE 4. CRT Driver and Bias Clamp Test Circuits (One Channel)
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com