Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2770 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2770
Description  High Efficiency Switched Capacitor Step-Down DC/DC Regulator with Sleep Mode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2770 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2770 Datasheet HTML 1Page - National Semiconductor (TI) LM2770 Datasheet HTML 2Page - National Semiconductor (TI) LM2770 Datasheet HTML 3Page - National Semiconductor (TI) LM2770 Datasheet HTML 4Page - National Semiconductor (TI) LM2770 Datasheet HTML 5Page - National Semiconductor (TI) LM2770 Datasheet HTML 6Page - National Semiconductor (TI) LM2770 Datasheet HTML 7Page - National Semiconductor (TI) LM2770 Datasheet HTML 8Page - National Semiconductor (TI) LM2770 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical Characteristics (Notes 2, 9) (Continued)
Limits in standard typeface are for T
J =25
oC. Limits in boldface type apply over the full operating junction temperature range
(-30˚C
≤ T
J
≤ +105˚C) . Unless otherwise noted, specifications apply to the LM2770 Typical Application Circuit (pg. 1) with: V
IN
= 3.6V; V(EN) = V
SEL = 1.8V, V(SLEEP) = 0V, CIN =COUT = 10µF, C1 =C2 = 1.0µF. (Note 10)
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
LDO-1215
LM2770-1215:
1.5V Output Voltage Regulation
- SLEEP Mode
3.0V
≤ V
IN
≤ 5.5V,
0mA
≤ I
OUT
≤ 20mA,
V
SEL= 0V, V(SLEEP) = 1.8V
1.435
1.495
1.555
V
LM2770-1215:
1.2V Output Voltage Regulation
- SLEEP Mode
3.0V
≤ V
IN
≤ 5.5V,
0mA
≤ I
OUT
≤ 20mA,
V
SEL = 0V, V(SLEEP) = 1.8V
1.145
1.205
1.265
V
LDO-12157
LM2770-12157:
1.575V Output Voltage
Regulation - SLEEP Mode
3.0V
≤ V
IN
≤ 5.5V,
0mA
≤ I
OUT
≤ 20mA,
V
SEL= 0V, V(SLEEP) = 1.8V
1.520
1.575
1.630
V
LM2770-12157:
1.2V Output Voltage Regulation
- SLEEP Mode
3.0V
≤ V
IN
≤ 5.5V,
0mA
≤ I
OUT
≤ 20mA,
V
SEL = 0V, V(SLEEP) = 1.8V
1.150
1.210
1.270
Specifications Below Apply to All LM2770 Options
E
Power Efficiency
V
IN = 3.6V, IOUT = 150mA
V
OUT =1.5V
82
%
E
AVG
Average Eficiency over Li-Ion
Input Voltage Range (Note 11)
3.0V
≤ V
IN
≤ 4.2V
I
OUT = 200mA, VOUT = 1.5V
73
%
I
Q
Quiescent Supply Current:
Full-power Mode
2.7V
≤ V
IN
≤ 5.5V
I
OUT = 0mA
V(SLEEP) = 0V
55
75
µA
I
SLEEP
Quiescent Supply Current:
Sleep Mode
2.7V
≤ V
IN
≤ 5.5V
I
OUT = 0mA
V(SLEEP) = 1.8V
50
65
µA
I
SD
Shutdown Current
2.7V
≤ V
IN
≤ 5.5V
V(EN) = 0V
0.1
0.5
µA
I
CL
Current Limit - Sleep Mode
0V
≤ V
OUT
≤ 0.2V
V(SLEEP) = 1.8V
60
mA
t
ON
Turn-on Time
V
IN = 3.6V, COUT = 10µF
200
µs
F
SW
Switching Frequency
2.7V
≤ V
IN
≤ 5.5V
475
700
925
kHz
Logic Pin Specifications: EN, ENA, ENB
V
IL
Logic-low Input Voltage
2.7V
≤ V
IN
≤ 5.5V
0
0.4
V
V
IH
Logic-high Input Voltage
2.7V
≤ V
IN
≤ 5.5V
1.0
V
IN
V
I
IH
Logic-high Input Current:
SLEEP and V
SEL pins
Logic Input = 3.0V
0.1
µA
I
IH-EN
Logic-high Input Current: EN pin
(Note 12)
V(EN) = 1.8V
6
µA
I
IL
Logic-low Input Current: All
Logic Pins
Logic Input = 0V
0
µA
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under which operation of
the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the
Electrical Characteristics tables.
Note 2: All voltages are with respect to the potential at the GND pin.
Note 3: Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ=150
oC (typ.) and disengages at
TJ=140
oC (typ.).
Note 4: Short circuit protection circuitry protects the part from immediate destructive failure when VOUT is shorted to GND. Applying a continuous GND short to the
output may shorten the lifetime of the device.
Note 5: For detailed information on soldering requirements and recommendations, please refer to National Semiconductor’s Application Note 1187 (AN-1187):
Leadless Leadframe Package (LLP).
Note 6: The Human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin. The machine model is a 200pF capacitor discharged
directly into each pin. MIL-STD-883 3015.7
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com