Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1059533 Datasheet(PDF) 7 Page - SICK AG

Part # 1059533
Description  PHOTOELECTRIC SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1059533 Datasheet(HTML) 7 Page - SICK AG

  1059533 Datasheet HTML 1Page - SICK AG 1059533 Datasheet HTML 2Page - SICK AG 1059533 Datasheet HTML 3Page - SICK AG 1059533 Datasheet HTML 4Page - SICK AG 1059533 Datasheet HTML 5Page - SICK AG 1059533 Datasheet HTML 6Page - SICK AG 1059533 Datasheet HTML 7Page - SICK AG 1059533 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
GRL18S-F2336 | GR18S
PHOTOELECTRIC SENSORS
Brief description
Type
Part no.
Head A: male connector, M12, 4-pin, straight
Head B: -
Cable: unshielded
STE-1204-G
6009932
Head A: male connector, M12, 4-pin, angled
Head B: -
Cable: unshielded
STE-1204-W
6022084
Reflectors
Rectangular, screw connection, 47 mm x 47 mm, PMMA/ABS, Screw-on, 2 hole mount-
ing
P250
5304812
Rectangular, screw connection, 38 mm x 15 mm, PMMA/ABS, Screw-on, 2 hole mount-
ing
PL20A
1012719
Rectangular, screw connection, 56 mm x 28 mm, PMMA/ABS, Screw-on, 2 hole mount-
ing
PL30A
1002314
Rectangular, screw connection, 37 mm x 56 mm, PMMA/ABS, Screw-on, 2 hole mount-
ing
PL40A
1012720
Rectangular, screw connection, 80 mm x 80 mm, PMMA/ABS, Screw-on, 2 hole mount-
ing
PL80A
1003865
Self-adhesive
REF-IRF-56
5314244
Round, screw connection, PMMA/ABS, Center hole mounting, screw-on
C110A
5304549
2017-12-07 16:01:50 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com