Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM336 Datasheet(PDF) 4 Page - STMicroelectronics

Part # LM336
Description  2.5V VOLTAGE REFERENCES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM336 Datasheet(HTML) 4 Page - STMicroelectronics

  LM336 Datasheet HTML 1Page - STMicroelectronics LM336 Datasheet HTML 2Page - STMicroelectronics LM336 Datasheet HTML 3Page - STMicroelectronics LM336 Datasheet HTML 4Page - STMicroelectronics LM336 Datasheet HTML 5Page - STMicroelectronics LM336 Datasheet HTML 6Page - STMicroelectronics LM336 Datasheet HTML 7Page - STMicroelectronics LM336 Datasheet HTML 8Page - STMicroelectronics LM336 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
APPLICATION HINTS
The LM236, LM336 voltage references are easier to
use than zener diodes. Their low impedance and
wide current range facilitate biasing in any circuits.
Besides, the breakdown voltage or the temperature
coefficient can be adjusted so as to optimize the per-
formance of the circuit.
Figure 1 represents a LM336 with a 10k
Ω potenti-
ometer to adjust the reverse breakdown voltage can
be adjusted without altering the temperature coeffi-
cient of the circuit. The adjustment range is gener-
ally sufficient to adjust the initial tolerance of the cir-
cuit and the inaccuracy of the amplifier circuit.
To obtain a lower temperature coefficient two diodes
can be connected in series as indicated in Figure 2.
When the circuit is adjusted to 2.49V the tempera-
ture coefficient is minimized.
For a correct temperature coefficient, the diodes
should be at the same ambient temperature as the
LM336. The value of R1 is not critical (2-20k
Ω).
R1
10k
Ω
LM336
V
R
S
Figure 1 : The LM336 with Pot for Adjustment of
Breakdown Voltage
R1
10k
Ω
LM336
V
R
S
1N4148
1N4148
Figure 2 : Temperature Coefficient Adjustment
LM236 - LM336,B
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com