Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T96 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # T96
Description  Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Low ESR, Built-in-Fuse, Conformal Coated Case
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T96 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button T96 Datasheet HTML 9Page - Vishay Siliconix T96 Datasheet HTML 10Page - Vishay Siliconix T96 Datasheet HTML 11Page - Vishay Siliconix T96 Datasheet HTML 12Page - Vishay Siliconix T96 Datasheet HTML 13Page - Vishay Siliconix T96 Datasheet HTML 14Page - Vishay Siliconix T96 Datasheet HTML 15Page - Vishay Siliconix T96 Datasheet HTML 16Page - Vishay Siliconix T96 Datasheet HTML 17Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Conformal Coated Guide
www.vishay.com
Vishay Sprague
Revision: 12-Sep-17
10
Document Number: 40150
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RECOMMENDED REFLOW PROFILES
Capacitors should withstand reflow profile as per J-STD-020 standard, three cycles.
PROFILE FEATURE
SnPb EUTECTIC ASSEMBLY
LEAD (Pb)-FREE ASSEMBLY
Preheat / soak
Temperature min. (Ts min.)
100 °C
150 °C
Temperature max. (Ts max.)
150 °C
200 °C
Time (ts) from (Ts min. to Ts max.)
60 s to 120 s
60 s to 120 s
Ramp-up
Ramp-up rate (TL to Tp)
3 °C/s max.
3 °C/s max.
Liquidus temperature (TL)
183 °C
217 °C
Time (tL) maintained above TL
60 s to 150 s
60 s to 150 s
Peak package body temperature (Tp)
Depends on type and case – see table below
Time (tp)* within 5 °C of the specified
classification temperature (Tc)
20 s
30 s
Ramp-down
Ramp-down rate (Tp to TL)
6 °C/s max.
6 °C/s max.
Time 25 °C to peak temperature
6 min max.
8 min max.
PEAK PACKAGE BODY TEMPERATURE (Tp)
TYPE / CASE CODE
PEAK PACKAGE BODY TEMPERATURE (Tp)
SnPb EUTECTIC PROCESS
LEAD (Pb)-FREE PROCESS
591D / 592D - all cases, except X25H, M and R cases
235 °C
260 °C
591D / 592D - X25H, M and R cases
220 °C
250 °C
594D / 595D - all cases except C, D, and R
235 °C
260 °C
594D / 595D - C, D, and R case
220 °C
250 °C
572D all cases
n/a
260 °C
T95 A, B, S, V, X, Y cases
235 °C
260 °C
T95 C, D, R, and Z cases
220 °C
250 °C
14002 B case
235 °C
n/a
14002 C, D, and R cases
220 °C
n/a
T96 R case
220 °C
250 °C
195D all cases, except G, H, R, and Z
235 °C
260 °C
195D G, H, R, and Z cases
220 °C
250 °C
695D all cases, except G and H cases
235 °C
260 °C
695D G, H cases
220 °C
250 °C
597D, T97, T98 all cases, except V case
220 °C
250 °C
597D, T97, T98 V case
235 °C
260 °C
194D all cases, except H and G cases
235 °C
260 °C
194D H and G cases
220 °C
250 °C
25
TIME (s)
t
s
t
L
Time 25 °C to peak
T
L
T
p
T
C - 5 °C
t
p
T
s max.
T
s min.
Preheat area
Max. ramp-up rate = 3 °C/s
Max. ramp-down rate = 6 °C/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com