Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9210 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9210
Description  Programmable DC-Balance 21-Bit Deserializers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9210 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9210 Datasheet HTML 1Page - Maxim Integrated Products MAX9210 Datasheet HTML 2Page - Maxim Integrated Products MAX9210 Datasheet HTML 3Page - Maxim Integrated Products MAX9210 Datasheet HTML 4Page - Maxim Integrated Products MAX9210 Datasheet HTML 5Page - Maxim Integrated Products MAX9210 Datasheet HTML 6Page - Maxim Integrated Products MAX9210 Datasheet HTML 7Page - Maxim Integrated Products MAX9210 Datasheet HTML 8Page - Maxim Integrated Products MAX9210 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Programmable DC-Balance
21-Bit Deserializers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +3.6V, VCCO = +3.0V to +5.5V, PWRDWN = high, DCB/NC = high or low, differential input voltage |VID| = 0.05V to
1.2V, input common-mode voltage VCM = |VID/2| to 2.4V - |VID/2|, TA = -40°C to +85°C, unless otherwise noted. Typical values are at
VCC = VCCO = +3.3V, VID| = 0.2V, VCM = 1.25V, TA = +25°C). (Notes 1, 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ...........................................................-0.5V to +4.0V
VCCO to GND.........................................................-0.5V to +6.0V
RxIN_, RxCLK IN_ to GND ....................................-0.5V to +4.0V
PWRDWN to GND .................................................-0.5V to +6.0V
DCB/NC to GND.........................................-0.5V to (VCC + 0.5V)
RxOUT_, RxCLK OUT to GND .................-0.5V to (VCCO + 0.5V)
Continuous Power Dissipation (TA = +70°C)
48-Pin TSSOP (derate 16mW/°C above +70°C) ....... 1282mW
48-Lead Thin QFN
(derate 26.3mW/°C above +70°C)................................2105mW
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
ESD Protection
Human Body Model (RD = 1.5kΩ, CS = 100pF)
All Pins to GND ................................................................±5kV
IEC 61000-4-2 (RD = 330Ω, CS = 150pF) Level 4
Contact Discharge LVDS Inputs (RxIN_, RxCLK IN_)
to GND .............................................................................±8kV
Air Discharge LVDS Inputs (RxIN_, RxCLK IN_)
to GND ...........................................................................±15kV
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SINGLE-ENDED INPUTS (
PWRDWN, DCB/NC)
PWRDWN
2.0
5.5
High-Level Input Voltage
VIH
DCB/NC
2.0
VCC +
0.3
V
Low-Level Input Voltage
VIL
-0.3
+0.8
V
Input Current
IIN
VIN = high or low, PWRDWN = high or low
-20
+20
µA
Input Clamp Voltage
VCL
ICL = -18mA
-1.5
V
SINGLE-ENDED OUTPUTS (RxOUT_, RxCLK OUT)
IOH = -100µA
VCCO -
0.1
RxCLK OUT
VCCO -
0.25
MAX9210/
MAX9212/
MAX9220
RxOUT_
VCCO -
0.40
High-Level Output Voltage
VOH
IOH = -2mA
MAX9214/MAX9216/MAX9222
VCCO -
0.25
V
IOL = 100µA
0.1
RxCLK OUT
0.2
MAX9210/
MAX9212/
MAX9220
RxOUT_
0.26
Low-Level Output Voltage
VOL
IOL = 2mA
MAX9214/MAX9216/MAX922
0.2
V
High-Impedance Output Current
IOZ
PWRDWN = low,
VOUT_ = -0.3V to VCCO + 0.3V
-20
20
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com