Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC137 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74HC137
Description  3-to-8 Line Decoder With Address Latches (Inverted Output)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74HC137 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM74HC137 Datasheet HTML 1Page - National Semiconductor (TI) MM74HC137 Datasheet HTML 2Page - National Semiconductor (TI) MM74HC137 Datasheet HTML 3Page - National Semiconductor (TI) MM74HC137 Datasheet HTML 4Page - National Semiconductor (TI) MM74HC137 Datasheet HTML 5Page - National Semiconductor (TI) MM74HC137 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5310
November 1995
MM54HC137MM74HC137 3-to-8 Line
Decoder With Address Latches
(Inverted Output)
General Description
This device utilizes advanced silicon-gate CMOS technolo-
gy to implement a three-to-eight line decoder with latches
on the three address inputs When GL goes from low to
high the address present at the select inputs (A B and C) is
stored in the latches As long as GL remains high no ad-
dress changes will be recognized Output enable controls
G1 and G2 control the state of the outputs independently of
the select or latch-enable inputs All of the outputs are high
unless G1 is high and G2 is low The HC137 is ideally suited
for the implementation of glitch-free decoders in stored-ad-
dress applications in bus oriented systems
The 54HC74HC logic family is speed function and pin-out
compatible with the standard 54LS74LS logic family All
inputs are protected from damage due to static discharge by
diodes to VCC and ground
Features
Y
Typical propagation delay 20 ns
Y
Wide supply range 2 – 6V
Y
Latched inputs for easy interfacing
Y
Fanout of 10 LS-TTL loads
Connection and Functional Block Diagrams
Dual-In-Line Package
TLF5310 – 1
Order Number MM54HC137
or MM74HC137
TLF5310 – 2
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - MM74HC137

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC132 FAIRCHILD-MM74HC132 Datasheet
86Kb / 7P
Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Fairchild Semiconductor
MM74HC132M FAIRCHILD-MM74HC132M Datasheet
86Kb / 7P
Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MM74HC132M ONSEMI-MM74HC132M Datasheet
251Kb / 8P
Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Fairchild Semiconductor
MM74HC132MTC FAIRCHILD-MM74HC132MTC Datasheet
86Kb / 7P
Quad 2-Input NAND Schmitt Trigger
More results

Similar Description - MM74HC137

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC237 PHILIPS-74HC237 Datasheet
68Kb / 9P
3-to-8 line decoder/demultiplexer with address latches
December 1990
logo
Fairchild Semiconductor
DM74ALS137 FAIRCHILD-DM74ALS137 Datasheet
57Kb / 6P
3 to 8 Line Decoder/Demultiplexer with Address Latches
logo
NXP Semiconductors
74HC237N PHILIPS-74HC237N Datasheet
104Kb / 19P
3-to-8 line decoder, demultiplexer with address latches
Rev. 03-12 November 2004
logo
National Semiconductor ...
MM54HC237 NSC-MM54HC237 Datasheet
151Kb / 6P
3-to-8 Line Decoder With Address Latches
logo
Texas Instruments
SN74LVC137A TI-SN74LVC137A Datasheet
127Kb / 8P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER WITH ADDRESS LATCHES
logo
NXP Semiconductors
74HC237 NXP-74HC237_10 Datasheet
150Kb / 17P
3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
74HC237 NXP-74HC237_11 Datasheet
150Kb / 17P
3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
74HC237 PHILIPS-74HC237_15 Datasheet
227Kb / 17P
3-to-8 line decoder, demultiplexer with address latches
Rev. 6-23 August 2012
logo
Nexperia B.V. All right...
74HC237-Q100 NEXPERIA-74HC237-Q100 Datasheet
792Kb / 16P
3-to-8 line decoder, demultiplexer with address latches
74HC237 NEXPERIA-74HC237 Datasheet
276Kb / 16P
3-to-8 line decoder, demultiplexer with address latches
Rev. 8 - 26 October 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com