Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6677 Datasheet(PDF) 41 Page - Analog Devices

Part # AD6677
Description  80 MHz Bandwidth, IF Receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6677 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD6677 Datasheet HTML 37Page - Analog Devices AD6677 Datasheet HTML 38Page - Analog Devices AD6677 Datasheet HTML 39Page - Analog Devices AD6677 Datasheet HTML 40Page - Analog Devices AD6677 Datasheet HTML 41Page - Analog Devices AD6677 Datasheet HTML 42Page - Analog Devices AD6677 Datasheet HTML 43Page - Analog Devices AD6677 Datasheet HTML 44Page - Analog Devices AD6677 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
Data Sheet
AD6677
Rev. C | Page 41 of 48
DC Correction Control (Address 0x40)
Bit 7—Reserved
Bit 6—Freeze dc correction
When Bit 6 is set low, the dc correction is continuously calculated.
When Bit 6 is set high, the dc correction is no longer updated to
the signal monitor block, which holds the last dc value calculated.
Bits[5:2]—DC correction bandwidth select
Bits[5:2] set the averaging time of the signal monitor dc correction
function. This 4-bit word sets the bandwidth of the correction
block, according to the following equation:
π
×
×
=
−
−
2
2
_
_
14
CLK
k
f
BW
Corr
DC
where:
k is the 4-bit value programmed in Bits[5:2] of Address 0x40
(values between 0 and 13 are valid for k; programming 14 or 15
provides the same result as programming 13).
fCLK is the AD6677 ADC sample rate in hertz.
Bit 1—Enable dc correction
Setting this bit high causes the output of the dc measurement
block to be summed with the data in the signal path to remove
the dc offset from the signal path.
Bit 0—Reserved
DC Correction Value 0 (Address 0x41)
Bits[7:0]—DC correction value LSB[7:0]
These bits are the LSBs of the dc correction value.
DC Correction Value 1 (Address 0x42)
Bits[7:0]—DC correction value MSB[15:8]
These bits are the MSBs of the dc correction value.
Fast Detect Control (Address 0x45)
Bits[7:5]—Reserved
Bit 4—FD pin function
When this bit is set low, the FD pin functions as the fast detect
output. When this pin is set high, the FD pin functions as the
overrange indicator.
Bit 3—Force FD output enable
Setting this bit high forces the FD output pin to the value written to
Bit 2 of this register (Address 0x45). This enables the user to
force a known value on the FD pin for debugging.
Bit 2—Forced FD output value
The value written to Bit 2 is forced on the FD output pin when
Bit 3 is written high.
Bit 1—Reserved
Bit 0—Enable fast detect output
Setting this bit high enables the output of the upper threshold FD
comparator to drive the FD output pin.
Fast Detect Upper Threshold
(Address 0x47 and Address 0x48)
Address 0x48, Bit 7—Reserved
Address 0x48, Bits[6:0]—Fast detect upper threshold[14:8]
Address 0x47, Bits[7:0]—Fast detect upper threshold[7:0]
These registers provide an upper limit threshold. The 15-bit value is
compared with the output magnitude from the ADC block. If the
ADC magnitude exceeds this threshold value, the FD output
pin is set if Bit 0 in Address 0x45 is set.
Fast Detect Lower Threshold
(Address 0x49 and Address 0x4A)
Address 0x4A, Bit 7—Reserved
Address 0x4A, Bits[6:0]—Fast detect lower threshold[14:8]
Address 0x49, Bits[7:0]—Fast detect lower threshold[7:0]
These registers provide a lower limit threshold. The 15-bit value is
compared with the output magnitude from the ADC block. If the
ADC magnitude is less than this threshold value for the number
of cycles programmed in the fast detect dwell time register, the
FD output bit is cleared.
Fast Detect Dwell Time
(Address 0x4B and Address 0x4C)
Address 0x4C, Bits[7:0]—Fast detect dwell time[15:8]
Address 0x4B, Bits[7:0]—Fast detect dwell time[7:0]
These register values set the minimum time in ADC sample
clock cycles (after clock divider) that a signal must stay below the
lower threshold limit before the FD output bits are cleared.
JESD204B Quick Configuration (Address 0x5E)
Bits [7:0]—JESD204B quick configuration
These bits serve to quickly set up the default JESD204B link
parameters for M = 1 and L = 1.
JESD204B Link Control 1 (Address 0x5F)
Bit 7—Open
Bit 6—Serial tail bit enable
If this bit is set and the CS bits are not enabled, unused tail bits are
padded with a pseudo-random number sequence from a 9-bit
LFSR (see JESD204B 5.1.4).
Bit 5—JESD204B test sample enable
If set, JESD204B test samples are enabled, and the long transport
layer test sample sequence (as specified in JESD204B Section
5.1.6.3) sent on all link lanes.
Bit 4—Reserved; set to 1
Bits[3:2]—ILAS mode
01 = initial lane alignment sequence enabled.
11 = initial lane alignment sequence always on in test mode;
JESD204B data link layer test mode where repeated lane alignment
sequence (as specified in JESD204B Section 5.3.3.8.2) is sent on
all lanes.
Bit 1—Reserved; set to 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com