Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6677BCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD6677BCPZ
Description  80 MHz Bandwidth, IF Receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6677BCPZ Datasheet(HTML) 5 Page - Analog Devices

  AD6677BCPZ Datasheet HTML 1Page - Analog Devices AD6677BCPZ Datasheet HTML 2Page - Analog Devices AD6677BCPZ Datasheet HTML 3Page - Analog Devices AD6677BCPZ Datasheet HTML 4Page - Analog Devices AD6677BCPZ Datasheet HTML 5Page - Analog Devices AD6677BCPZ Datasheet HTML 6Page - Analog Devices AD6677BCPZ Datasheet HTML 7Page - Analog Devices AD6677BCPZ Datasheet HTML 8Page - Analog Devices AD6677BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
Data Sheet
AD6677
Rev. C | Page 5 of 48
ADC AC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, DVDD = 1.8 V, maximum sample, VIN = −1.0 dBFS differential input, 1.75 V p-p full-scale input range,
duty cycle stabilizer enabled, default SPI, unless otherwise noted.
Table 2.
Parameter1
Temperature
Min
Typ
Max
Unit
SIGNAL-TO-NOISE-RATIO (SNR)
NSR Disabled
fIN = 30 MHz
25°C
66.6
dBFS
fIN = 90 MHz
25°C
66.4
dBFS
fIN = 140 MHz
25°C
66.2
dBFS
fIN = 185 MHz
25°C
66.1
dBFS
Full
65.8
dBFS
fIN = 220 MHz
25°C
65.9
dBFS
NSR Enabled 22% Bandwidth Mode
fIN = 30 MHz
25°C
76.3
dBFS
fIN = 90 MHz
25°C
75.7
dBFS
fIN = 140 MHz
25°C
74.8
dBFS
fIN = 185 MHz
25°C
74.2
dBFS
Full
73.6
dBFS
fIN = 220 MHz
25°C
73.6
dBFS
NSR Enabled 33% Bandwidth Mode
fIN = 30 MHz
25°C
73.5
dBFS
fIN = 90 MHz
25°C
72.1
dBFS
fIN = 140 MHz
25°C
72.6
dBFS
fIN = 185 MHz
25°C
71.9
dBFS
Full
70.6
dBFS
fIN = 220 MHz
25°C
71.4
dBFS
SIGNAL-TO-NOISE AND DISTORTION (SINAD)
fIN = 30 MHz
25°C
65.6
dBFS
fIN = 90 MHz
25°C
65.3
dBFS
fIN = 140 MHz
25°C
65.2
dBFS
fIN = 185 MHz
25°C
65.1
dBFS
Full
64.7
dBFS
fIN = 220 MHz
25°C
64.8
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 30 MHz
25°C
10.6
Bits
fIN = 90 MHz
25°C
10.6
Bits
fIN = 140 MHz
25°C
10.5
Bits
fIN = 185 MHz
25°C
10.5
Bits
fIN = 220 MHz
25°C
10.5
Bits
WORST SECOND OR THIRD HARMONIC
fIN = 30 MHz
25°C
−87
dBc
fIN = 90 MHz
25°C
−82
dBc
fIN = 140 MHz
25°C
−86
dBc
fIN = 185 MHz
25°C
−87
dBc
Full
−80
dBc
fIN = 220 MHz
25°C
−84
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com