Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6676EBZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD6676EBZ
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676EBZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD6676EBZ Datasheet HTML 31Page - Analog Devices AD6676EBZ Datasheet HTML 32Page - Analog Devices AD6676EBZ Datasheet HTML 33Page - Analog Devices AD6676EBZ Datasheet HTML 34Page - Analog Devices AD6676EBZ Datasheet HTML 35Page - Analog Devices AD6676EBZ Datasheet HTML 36Page - Analog Devices AD6676EBZ Datasheet HTML 37Page - Analog Devices AD6676EBZ Datasheet HTML 38Page - Analog Devices AD6676EBZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 90 page
background image
Data Sheet
AD6676
Rev. D | Page 35 of 90
1.00
0
0.25
0.50
0.75
160
140
120
100
80
60
40
SAMPLE
Figure 97. Wide Envelope Response for 6 dB Attenuator Step Change with
fDATA_IQ = 250 MSPS, Resulting Sample Period of 4 ns
1.00
0
0.25
0.50
0.75
43
42
41
40
39
38
37
36
35
34
33
32
SAMPLE
Figure 98. Zoom In Envelope Response for 6 dB Attenuator Step Change with
fDATA_IQ = 250 MSPS, Resulting Sample Period of 4 ns
CLOCK SYNTHESIZER
The AD6676 includes an on-chip clock synthesizer capable of
generating the clock for the Σ-Δ ADC and digital circuitry. The
entire synthesizer is integrated on-chip, including the loop filter
and VCO. Figure 99 shows a functional block diagram of the
various synthesizer subblocks along with the relevant SPI registers.
The clock synthesizer uses a standard integer-N architecture to
generate a 2.94 GHz to 3.2 GHz ADC clock from a 10 MHz to
320 MHz reference input.
Configuring the clock synthesizer requires numerous SPI
commands to program settings and to initiate calibrations. The
SPI sequence to configure the AD6676 for a particular operating
mode, including the SPI operations associated with the clock
synthesizer, is most easily obtained from the software tool that
comes with the AD6676EBZ development platform. This tool
allows the SPI sequence used to configure the AD6676 to be
saved to a file for later use.
Note that if the clock synthesizer is used to supply the ADC clock,
the clock synthesizer must be configured first, before any other
blocks are enabled. Also note that because the clock synthesizer
sequence involves calibrations, wait intervals or polling loops
are needed to ensure that each calibration step completes before
issuing the next SPI command. Table 27 lists an example SPI
sequence for a particular case where the reference frequency (fCLK)
and ADC clock rate (FADC) are 200 MHz and FADC = 3200 MHz,
respectively. The remainder of this section describes the
configuration of the clock synthesizer in detail.
INTEGRATED
LOOP FILTER
TO Σ-∆ ADC
AND DIGITAL
N COUNTER
REG 0x2A1 (LSB)
REG 0x2A2 (MSB)
VDDQ
ENABLE CLK SYN
REG 0x2AO
÷2
REG 0x2A5
DIRECT RF
CLK OPTION
REG 0x2BB
VDDQ
VDDQ
VDDC
R-DIVIDER
CHARGE PUMP
REG 0x2AC
REG 0x2AD
REG 0x2BC
UP
DN
2
4
×2
fPFD =
10MHz TO 80MHz
CLK = 10MHz
TO 320MHz
INITIAL CAL
AUTOMATIC
LEVEL
CONTROL
CAL
REG 0x2AB
REG 0x2BC
VCO
5.9GHz TO 8.0GHz
REG 0x2AA
REG 0x2B7
÷
÷
Figure 99. CLK Synthesizer Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com