Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9877-EB Datasheet(PDF) 22 Page - Analog Devices

Part # AD9877-EB
Description  Set-Top Box, Cable Modem
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9877-EB Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9877-EB Datasheet HTML 18Page - Analog Devices AD9877-EB Datasheet HTML 19Page - Analog Devices AD9877-EB Datasheet HTML 20Page - Analog Devices AD9877-EB Datasheet HTML 21Page - Analog Devices AD9877-EB Datasheet HTML 22Page - Analog Devices AD9877-EB Datasheet HTML 23Page - Analog Devices AD9877-EB Datasheet HTML 24Page - Analog Devices AD9877-EB Datasheet HTML 25Page - Analog Devices AD9877-EB Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
AD9877
Rev. B | Page 21 of 36
Table 7. Cable Driver Gain Control
Bits [7:4]
CA Interface Transmit Word
0000
0000 0000 (default)
0001
0000 0001
0010
0000 0010
0011
0000 0100
0100
0000 1000
0101
0001 0000
0110
0010 0000
0111
0100 0000
1000
1000 0000
In this mode, the lower bits determine the fine gain setting of
the DAC output.
Table 8. DAC Output Fine Gain Setting
Bits [3:0]
DAC Fine Gain
0000
0.0 dB (default)
0001
0.5 dB
0010
1.0 dB
0011
1.5 dB
...
...
1110
7.0 dB
1111
7.5 dB
New data is automatically sent over the 3-wire CA interface
(and DAC gain adjust) whenever the value of the active gain
control register changes or a new profile is selected. The default
value is 0x00 (lowest gain).
The formula for the combined output level calculation of the
AD9877 fine gain and the AD8327 or AD8322 coarse gain is
V8327 = V9877(0) + (fine)/2 + 6(coarse) − 19
V8322 = V9877(0) + (fine)/2 + 6(coarse) − 14
where:
fine is the decimal value of Bits [3:0].
coarse is the decimal value of Bits [7:8].
V9877(0) is the level at AD9877 output in dBmV for fine = 0.
V8327 is the level at output of the AD8327 in dBmV.
V8322 is the level at output of the AD8322 in dBmV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com