Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9993-EBZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9993-EBZ
Description  Integrated Mixed-Signal Front End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9993-EBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9993-EBZ Datasheet HTML 3Page - Analog Devices AD9993-EBZ Datasheet HTML 4Page - Analog Devices AD9993-EBZ Datasheet HTML 5Page - Analog Devices AD9993-EBZ Datasheet HTML 6Page - Analog Devices AD9993-EBZ Datasheet HTML 7Page - Analog Devices AD9993-EBZ Datasheet HTML 8Page - Analog Devices AD9993-EBZ Datasheet HTML 9Page - Analog Devices AD9993-EBZ Datasheet HTML 10Page - Analog Devices AD9993-EBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
AD9993
Data Sheet
Rev. A | Page 6 of 56
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
CLOCK INPUT (CLKP, CLKN)
Differential Peak to Peak Voltage
350
mV
Common Mode Voltage
1.2
V
Master Clock Frequency
200
1000
MHz
REFCLK Input (REFCLK)
Input VIN Logic High
1.8
V
Input VIN Logic Low
0.0
V
REFCLK Frequency
31.25 or
62.5
MHz
SERIAL PERIPHERAL INTERFACE (SPI)
SPI_SCLK Frequency
25
MHz
SPI_SCLK Pulse Width High
10
ns
SPI_SCLK Pulse Width Low
10
ns
Setup Time, SPI_SDI to SPI_SCLK Rising
Edge
2
ns
Hold Time, SPI_SCLK Rising Edge to
SPI_SDI
2
ns
Setup Time, SPI_CS to SPI_SCLK Rising
Edge
2
ns
Hold Time, SPI_SCLK Rising Edge to
SPI_CS
2
ns
Data Valid, SPI_SCLK Falling Edge to
SPI_SDO
2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com