Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE15A5044 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE15A5044
Description  TECHNICAL DATA SHEET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A5044 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE15A5044 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A5044 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A5044 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A5044 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A5044 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A5044 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
TECHNICAL DATA SHEET
Typical Performance Data
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
8.5
8.8
9.0
9.3
9.5
9.8
10.0
10.3
10.5
GHz
VSWR
Input
Output
30
31
33
34
35
36
38
39
40
8.5
8.8
9.0
9.3
9.5
9.8
10.0
10.3
10.5
dB
GHz
Gain
70°C
25°C
-30°C
PE15A5044
PE15A5044 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7 Watt P1dB, 8.5 GHz to 10.5 GHz, High Power Amplifier, 36 dB Gain, 47 dBm IP3, SMA
PE15A5044
7 Watt P1dB, 8.5 GHz to 10.5 GHz, High Power
Amplifier, 36 dB Gain, 47 dBm IP3, SMA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com