Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE15A63006 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE15A63006
Description  TECHNICAL DATA SHEET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A63006 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE15A63006 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A63006 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A63006 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A63006 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A63006 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
TECHNICAL DATA SHEET
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
1000
1040
1080
1120
1160
1200
1240
1280
1320
1360
1400
dB
1000MHz
Nosie Figure
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
1000
1040
1080
1120
1160
1200
1240
1280
1320
1360
1400
1000MHz
VSWR
IN
OUT
PE15A63006
PE15A63006 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 1.2 dB NF, 10 dBm P1dB, 1 GHz to 1.4 GHz, Input Protected Low Noise Amplifier, 30 dB Gain,
SMA PE15A63006
1.2 dB NF, 10 dBm P1dB, 1 GHz to 1.4 GHz, Input
Protected Low Noise Amplifier, 30 dB Gain, SMA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com