Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430A005IPW Datasheet(PDF) 17 Page - Texas Instruments

Part # MSP430A005IPW
Description  MIXED SIGNAL MICROCONTROLLER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430A005IPW Datasheet(HTML) 17 Page - Texas Instruments

Back Button MSP430A005IPW Datasheet HTML 13Page - Texas Instruments MSP430A005IPW Datasheet HTML 14Page - Texas Instruments MSP430A005IPW Datasheet HTML 15Page - Texas Instruments MSP430A005IPW Datasheet HTML 16Page - Texas Instruments MSP430A005IPW Datasheet HTML 17Page - Texas Instruments MSP430A005IPW Datasheet HTML 18Page - Texas Instruments MSP430A005IPW Datasheet HTML 19Page - Texas Instruments MSP430A005IPW Datasheet HTML 20Page - Texas Instruments MSP430A005IPW Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
MSP430x11x2, MSP430x12x2
MIXED SIGNAL MICROCONTROLLER
SLAS361D − JANUARY 2002 − REVISED AUGUST 2004
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
1.8 V
3.6 V
2.7 V 3 V
4.15 MHz
8.0 MHz
Supply Voltage − V
Supply voltage range, ’F11x2/12x2,
during flash memory programming
Supply voltage range,
’F11x2/12x2, during
program execution
NOTE: Minimum processor frequency is defined by system clock. Flash
program or erase operations require a minimum VCC of 2.7 V.
f(system) (MHz)
Figure 1. Frequency vs Supply Voltage
supply current (into VCC) excluding external current
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TA = −40°C +85°C,
f
= f
= 1 MHz,
VCC = 2.2 V
200
250
µ
I(AM)
Active mode
fMCLK = f(SMCLK) = 1 MHz,
f(ACLK) = 32,768 Hz,
Program executes in Flash
VCC = 3 V
300
350
µA
I(AM)
Active mode
TA = −40°C +85°C,
VCC = 2.2 V
3
5
µ
f(MCLK) = f(SMCLK) = f(ACLK) = 4096 Hz,
Program executes in Flash
VCC = 3 V
11
18
µA
TA = −40°C +85°C,
VCC = 2.2 V
32
45
µ
I(CPUOff)
Low-power mode, (LPM0)
f(MCLK) = 0, f(SMCLK) = 1 MHz,
f(ACLK) = 32,768 Hz
VCC = 3 V
55
70
µA
TA = −40°C +85°C,
VCC = 2.2 V
11
14
µ
I(LPM2)
Low-power mode, (LPM2)
f(MCLK) = f(SMCLK) = 0 MHz,
f(ACLK) = 32,768 Hz, SCG0 = 0
VCC = 3 V
17
22
µA
TA = −40°C
0.8
1.2
TA = 25°C
VCC = 2.2 V
0.7
1
µA
TA = 85°C
CC
1.6
2.3
µ
I(LPM3)
Low-power mode, (LPM3)
TA = −40°C
1.8
2.2
TA = 25°C
VCC = 3 V
1.6
1.9
µA
TA = 85°C
CC
2.3
3.4
µ
TA = −40°C
0.1
0.5
I(LPM4)
Low-power mode, (LPM4)
TA = 25°C
VCC = 2.2 V/3 V
0.1
0.5
µA
(LPM4)
TA = 85°C
CC
0.8
1.9
µ
NOTES:
1. All inputs are tied to 0 V or VCC. Outputs do not source or sink any current.
current consumption of active mode versus system frequency
IAM = IAM[1 MHz] × fsystem [MHz]
current consumption of active mode versus supply voltage
IAM = IAM[3 V] + 120 µA/V × (VCC−3 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com